Electronic Components Datasheet Search
  English  ▼

X  

PM7367-PI Datasheet(PDF) 103 Page - PMC-Sierra, Inc

Part # PM7367-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI Datasheet(HTML) 103 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 99Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 100Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 101Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 102Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 103Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 104Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 105Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 106Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 107Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
89
TDR Free Queue. TDQFI remains valid when interrupts are disabled and
may be polled to detect TDR free queue write events.
TDQRDYI:
The transmit descriptor ready queue cache read interrupt status bit
(TDQRDYI) reports transmit descriptor ready queue cache read interrupts to
the PCI host. TDQRDYI is set high when the programmable number of TDRs
is read from the TDR Ready Queue. TDQRDYI remains valid when interrupts
are disabled and may be polled to detect TDR ready queue cache read
events.
TDFQEI:
The transmit descriptor free queue error interrupt status bit (TDFQEI) reports
transmit descriptor free queue error interrupts to the PCI host. TDFQEI is set
high when an attempt to write to the transmit free queue fail due to the queue
being already full. TDFQEI bit remains valid when interrupts are disabled and
may be polled to detect TD free queue error events.
IOCI:
The transmit interrupt on complete status bit (IOCI) reports transmission
complete interrupts to the PCI host. IOCI is set high, when a packet with the
IOC bit in the TD set high is completely transmitted. IOCI remains valid when
interrupts are disabled and may be polled to detect transmission of IOC
tagged packets.
TFUDRI:
The transmit FIFO underflow error interrupt status bit (TFUDRI) reports
transmit FIFO underflow error interrupts to the PCI host. TFUDRI is set high
upon attempts to read data from the logical FIFO when it is already empty.
TFUDRI remains valid when interrupts are disabled and may be polled to
detect transmit FIFO underflow events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com