Electronic Components Datasheet Search
  English  ▼

X  

PM7367-PI Datasheet(PDF) 107 Page - PMC-Sierra, Inc

Part # PM7367-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI Datasheet(HTML) 107 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 103Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 104Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 105Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 106Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 107Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 108Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 109Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 110Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 111Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
93
implemented. However, when all four byte enables are negated, no access is
made to this register.
RLGA[0]:
The receive link group #0 active bit (RLGA[0]) monitors for transitions on the
RD[3:0] and RCLK[3:0] inputs. RLGA[0] is set high when each of RD[3:0]
has been sampled low and sampled high by rising edges of the
corresponding RCLK[3:0] inputs, and is set low when this register is read.
RLGA[1]:
The receive link group #1 active bit (RLGA[1]) monitors for transitions on the
RD[7:4] and RCLK[7:4] inputs. RLGA[1] is set high when each of RD[7:4]
has been sampled low and sampled high by rising edges of the
corresponding RCLK[7:4] inputs, and is set low when this register is read.
RLGA[2]:
The receive link group #2 active bit (RLGA[2]) monitors for transitions on the
RD[11:8] and RCLK[11:8] inputs. RLGA[2] is set high when each of RD[11:8]
has been sampled low and sampled high by rising edges of the
corresponding RCLK[11:8] inputs, and is set low when this register is read.
RLGA[3]:
The receive link group #3 active bit (RLGA[3]) monitors for transitions on the
RD[15:12] and RCLK[15:12] inputs. RLGA[3] is set high when each of
RD[15:12] has been sampled low and sampled high by rising edges of the
corresponding RCLK[15:12] inputs, and is set low when this register is read.
RLGA[4]:
The receive link group #4 active bit (RLGA[4]) monitors for transitions on the
RD[19:16] and RCLK[19:16] inputs. RLGA[4] is set high when each of
RD[19:16] has been sampled low and sampled high by rising edges of the
corresponding RCLK[19:16] inputs, and is set low when this register is read.
RLGA[5]:
The receive link group #5 active bit (RLGA[5]) monitors for transitions on the
RD[23:20] and RCLK[23:20] inputs. RLGA[5] is set high when each of
RD[23:20] has been sampled low and sampled high by rising edges of the
corresponding RCLK[23:20] inputs, and is set low when this register is read.
RLGA[6]:
The receive link group #6 active bit (RLGA[6]) monitors for transitions on the
RD[27:24] and RCLK[27:24] inputs. RLGA[6] is set high when each of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com