Electronic Components Datasheet Search
  English  ▼

X  

PM7367-PI Datasheet(PDF) 95 Page - PMC-Sierra, Inc

Part # PM7367-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI Datasheet(HTML) 95 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 91Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 92Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 93Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 94Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 95Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 96Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 97Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 98Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 99Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
81
Register 0x004 : FREEDM-32P32 Master Interrupt Enable
Bit
Type
Function
Default
Bit 31
to
Bit 16
Unused
XXXXH
Bit 15
R/W
TFUDRE
0
Bit 14
R/W
IOCE
0
Bit 13
R/W
TDFQEE
0
Bit 12
R/W
TDQRDYE
0
Bit 11
R/W
TDQFE
0
Bit 10
R/W
RPDRQEE
0
Bit 9
R/W
RPDFQEE
0
Bit 8
R/W
RPQRDYE
0
Bit 7
R/W
RPQLFE
0
Bit 6
R/W
RPQSFE
0
Bit 5
R/W
RFOVRE
0
Bit 4
R/W
RPFEE
0
Bit 3
R/W
RABRTE
0
Bit 2
R/W
RFCSEE
0
Bit 1
R/W
PERRE
0
Bit 0
R/W
SERRE
0
This register provides interrupt enables for various events detected or initiated by
the FREEDM.
Note
This register is not byte addressable. Writing to this register modifies all the bits
in the register. Byte selection using byte enable signals (CBEB[3:0]) are not
implemented. However, when all four byte enables are negated, no access is
made to this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com