Electronic Components Datasheet Search
  English  ▼

X  

PM7367-PI Datasheet(PDF) 105 Page - PMC-Sierra, Inc

Part # PM7367-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI Datasheet(HTML) 105 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 101Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 102Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 103Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 104Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 105Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 106Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 107Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 108Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 109Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
91
cleared to begin accumulating events for a new accumulation interval. The bits
in this register are not affected by write accesses.
Note
This register is not byte addressable. Reading this register clears all the activity
bits in the register. Byte selection using byte enable signals (CBEB[3:0]) are not
implemented. However, when all four byte enables are negated, no access is
made to this register.
SYSCLKA:
The system clock active bit (SYSCLKA) monitors for low to high transitions on
the SYSCLK input. SYSCLKA is set high on a rising edge of SYSCLK, and is
set low when this register is read.
TBDA:
The transmit BERT data active bit (TBDA) monitors for low to high transitions
on the TBD input. TBDA is set high on a rising edge of TDB, and is set low
when this register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com