Electronic Components Datasheet Search
  English  ▼

X  

PM7367-PI Datasheet(PDF) 315 Page - PMC-Sierra, Inc

Part # PM7367-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI Datasheet(HTML) 315 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 311Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 312Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 313Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 314Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 315Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 316Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 317Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 318Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 319Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
301
16
FREEDM-32P32 TIMING CHARACTERISTICS
(TA = -40°C to +85°C, VDD = 3.3 V ±10%, VBIAS = 5.0V ±10%)
Table 32 – FREEDM-32P32 Link Input (Figure 38, Figure 39)
Symbol
Description
Min
Max
Units
RCLK[31:0] Frequency (See Note 3) 1.542
1.546
MHz
RCLK[31:0] Frequency (See Note 4) 2.046
2.05
MHz
RCLK[2:0] Frequency (See Note 5)
52
MHz
RCLK[31:3] Frequency (See Note 5)
10
MHz
RCLK[31:0] Duty Cycle
40
60
%
SYSCLK Frequency
25
33
MHz
SYSCLK Duty Cycle
40
60
%
tSRD
RD[31:3] Set-Up Time
5
ns
tHRD
RD[31:3] Hold Time
5
ns
tSRD
RD[2:0] Set-Up Time
2
ns
tHRD
RD[2:0] Hold Time
2
ns
tSTBD
TBD Set-Up Time (See Note 6)
15
ns
tHTBD
TBD Hold Time
0
ns
Notes on Input Timing:
1. When a set-up time is specified between an input and a clock, the set-up
time is the time in nanoseconds from the 1.4 Volt point of the input to the 1.4
Volt point of the clock.
2. When a hold time is specified between an input and a clock, the hold time is
the time in nanoseconds from the 1.4 Volt point of the clock to the 1.4 Volt
point of the input.
3. Applicable only to channelised T1 links and measured between framing bits.
4. Applicable only to channelised E1 links and measured between framing
bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com