Electronic Components Datasheet Search
  English  ▼

X  

PM7367-PI Datasheet(PDF) 112 Page - PMC-Sierra, Inc

Part # PM7367-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI Datasheet(HTML) 112 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 108Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 109Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 110Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 111Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 112Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 113Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 114Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 115Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 116Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
98
Register 0x018 : FREEDM-32P32 Master Line Loopback #2
Bit
Type
Function
Default
Bit 31
to
Bit 16
Unused
XXXXH
Bit 15
R/W
LLBEN[31]
0
Bit 14
R/W
LLBEN[30]
0
Bit 13
R/W
LLBEN[29]
0
Bit 12
R/W
LLBEN[28]
0
Bit 11
R/W
LLBEN[27]
0
Bit 10
R/W
LLBEN[26]
0
Bit 9
R/W
LLBEN[25]
0
Bit 8
R/W
LLBEN[24]
0
Bit 7
R/W
LLBEN[23]
0
Bit 6
R/W
LLBEN[22]
0
Bit 5
R/W
LLBEN[21]
0
Bit 4
R/W
LLBEN[20]
0
Bit 3
R/W
LLBEN[19]
0
Bit 2
R/W
LLBEN[18]
0
Bit 1
R/W
LLBEN[17]
0
Bit 0
R/W
LLBEN[16]
0
This register controls line loopback for links #16 to #31.
Note
This register is not byte addressable. Writing to this register modifies all the bits
in the register. Byte selection using byte enable signals (CBEB[3:0]) are not
implemented. However, when all four byte enables are negated, no access is
made to this register.
LLBEN[31:16]:
The line loopback enable bits (LLBEN[31:16]) controls line loopback for
links #31 to #16. When LLBEN[n] is set high, the data on RD[n] is passed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com