Electronic Components Datasheet Search
  English  ▼

X  

PM7367-PI Datasheet(PDF) 151 Page - PMC-Sierra, Inc

Part # PM7367-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI Datasheet(HTML) 151 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 147Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 148Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 149Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 150Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 151Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 152Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 153Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 154Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 155Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
137
Register 0x220 : RHDL Configuration
Bit
Type
Function
Default
Bit 31
to
Bit 16
Unused
XXXXH
Bit 15
Unused
X
Bit 14
Unused
X
Bit 13
Unused
X
Bit 12
Unused
X
Bit 11
Unused
X
Bit 10
Unused
X
Bit 9
R/W
LENCHK
0
Bit 8
R/W
TSTD
0
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
Unused
X
Bit 2
R/W
Reserved[2]
1
Bit 1
R/W
Reserved[1]
1
Bit 0
R/W
Reserved[0]
1
This register configures all provisioned receive channels.
Note
This register is not byte addressable. Writing to this register modifies all the bits
in the register. Byte selection using byte enable signals (CBEB[3:0]) are not
implemented. However, when all four byte enables are negated, no access is
made to this register.
Reserved[2:0]:
The reserved bits (Reserved[2:0]) must be set to all ones for correct
operation of the FREEDM-32P32 device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com