Electronic Components Datasheet Search
  English  ▼

X  

PM7367-PI Datasheet(PDF) 158 Page - PMC-Sierra, Inc

Part # PM7367-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI Datasheet(HTML) 158 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 154Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 155Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 156Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 157Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 158Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 159Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 160Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 161Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 162Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
144
Register 0x284 : RMAC Indirect Channel Provisioning
Bit
Type
Function
Default
Bit 31
to
Bit 16
Unused
XXXXH
Bit 15
R
BUSY
X
Bit 14
R/W
RWB
0
Bit 13
Unused
X
Bit 12
Unused
X
Bit 11
Unused
X
Bit 10
Unused
X
Bit 9
Unused
X
Bit 8
Unused
X
Bit 7
R/W
PROV
1
Bit 6
Reserved
0
Bit 5
Reserved
0
Bit 4
R/W
CHAN[4]
0
Bit 3
R/W
CHAN[3]
0
Bit 2
R/W
CHAN[2]
0
Bit 1
R/W
CHAN[1]
0
Bit 0
R/W
CHAN[0]
0
The Channel Provisioning Register is used to temporarily unprovision channels,
and also to query the provision status of channels. Channel is permanently
provisioned and can only be unprovisioned transiently. When a channel is
unprovisioned, a partially received packet, if any, will be flushed and marked as
unprovisioned in the RPDRR queue status field. The channel then returns to
being provisioned automatically.
Note
This register is not byte addressable. Writing to this register modifies all the bits
in the register. Byte selection using byte enable signals (CBEB[3:0]) are not



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com