Electronic Components Datasheet Search
  English  ▼

X  

173701 Datasheet(PDF) 19 Page - Eaton All Rights Reserved.

Part # 173701
Description  Thermal overload relays XTOD/XTOG
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

173701 Datasheet(HTML) 19 Page - Eaton All Rights Reserved.

Back Button 173701 Datasheet HTML 15Page - Eaton All Rights Reserved. 173701 Datasheet HTML 16Page - Eaton All Rights Reserved. 173701 Datasheet HTML 17Page - Eaton All Rights Reserved. 173701 Datasheet HTML 18Page - Eaton All Rights Reserved. 173701 Datasheet HTML 19Page - Eaton All Rights Reserved. 173701 Datasheet HTML 20Page - Eaton All Rights Reserved. 173701 Datasheet HTML 21Page - Eaton All Rights Reserved. 173701 Datasheet HTML 22Page - Eaton All Rights Reserved. 173701 Datasheet HTML 23Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 68 page
background image
Overload relays
Overload relays greater than 150 A, CT-operated overload relays
Setting range of of
overload releases
Circuit symbol
Auxiliary
contacts
For use with
Short-circuit protection
N/O = normally open
contact
NC = normally closed
contact
Type “1”
coordination
gG/gL
Type “2”
coordination
gG/gL
Ir
A
AA
Z5 overload relays greater than 150A
• Phase failure sensitivity to IEC/EN
60947, VDE 0660 Part 102
• Test/off pushbutton
• Reset pushbutton manual/auto
• Trip-free release
Direct mounting
Z5 overload relays greater than 150A
• Phase failure sensitivity to IEC/EN
60947, VDE 0660 Part 102
• Test/off pushbutton
• Reset pushbutton manual/auto
• Trip-free release
Separate mounting
DILM185A
50 – 70
DILM225A
250
250
160
160
70 – 100
315
315
200
200
95 – 125
315
315
250
250
120 – 160
400
400
250
250
160 – 220
400
500
315
400
200 – 250
400
500
315
400
250
DILM250
50 – 70
250
160
160
70 – 100
315
315
200
200
95 – 125
315
315
250
250
120 – 160
400
400
250
250
160 – 220
400
500
315
400
200 – 250
400
500
315
400
500
DILM300A
250 – 300
500
400
400
ZW7 current transformer-operated
overload relays
• Test/off button
• Reset pushbutton manual/auto
• Trip-free release
• Protection with heavy starting duty
Separate mounting
–
–
–
42 – 63
–
–
–
60 – 90
–
–
–
85 – 125
–
–
–
110 – 160
–
–
–
160 – 240
–
–
–
190 – 290
–
–
–
270 – 400
–
–
–
360 – 540
–
–
–
420 – 630
1
3
5
97 95
2
4
6
98 96
96
98
95
97
Z5, ZW7
1 N/O
1 NC
1 N/O
1 NC
1 N/O
1 NC
1 N/O
1 NC
1 N/O
1 NC
1 N/O
1 NC
1 N/O
1 NC
1 N/O
1 NC
1 N/O
1 NC
1 N/O
1 NC
1 N/O
1 NC
1 N/O
1 NC
1 N/O
1 NC
1 N/O
1 NC
1 N/O
1 NC
1 N/O
1 NC
1 N/O
1 NC
1 N/O
1 NC
1 N/O
1 NC
1 N/O
1 NC
1 N/O
1 NC
1 N/O
1 NC
19
AUTOMATION AND CONTROL
www.eaton.com/seasia-electrical
1.2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com