Electronic Components Datasheet Search
  English  ▼

X  

173701 Datasheet(PDF) 44 Page - Eaton All Rights Reserved.

Part # 173701
Description  Thermal overload relays XTOD/XTOG
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

173701 Datasheet(HTML) 44 Page - Eaton All Rights Reserved.

Back Button 173701 Datasheet HTML 40Page - Eaton All Rights Reserved. 173701 Datasheet HTML 41Page - Eaton All Rights Reserved. 173701 Datasheet HTML 42Page - Eaton All Rights Reserved. 173701 Datasheet HTML 43Page - Eaton All Rights Reserved. 173701 Datasheet HTML 44Page - Eaton All Rights Reserved. 173701 Datasheet HTML 45Page - Eaton All Rights Reserved. 173701 Datasheet HTML 46Page - Eaton All Rights Reserved. 173701 Datasheet HTML 47Page - Eaton All Rights Reserved. 173701 Datasheet HTML 48Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
Features and Benefits
Features
Size/Range
Broad FLA range of 1–540A
Selectable trip class (5–30)
Four operating voltage
options
Line-powered from
240 Vac, 480 Vac,
600 Vac
Control-powered from
120 Vac
Motor Control
Two output relays
One B300 Form C fault
relay and one B300
ground fault shunt relay
Other relay configurations
are available, including
one Form A and one
Form B SPST (fault and
auxiliary relays) allowing
programmable isolated
relay behavior and
unique voltages
One external remote
reset terminal
Trip status indicator
Motor Protection
Thermal overload
Jam protection
Current imbalance
Current phase loss
Ground fault
Phase reversal
Load Protection
Under current
Low power (kW)
High power (kW)
Line Protection
Over voltage
Under voltage
Voltage imbalance
Voltage phase loss
Monitoring Capabilities
Current—average and
phase rms
Voltage—average and
phase rms
Power—motor kW
Power factor
Frequency
Thermal capacity
Run hours
Ground fault current
Current imbalance %
Voltage imbalance %
Motor starts
Motor run hours
Options
Type 1, 12 remote display
Type 3R remote display kit
Communication modules
Modbus
Modbus with I/O
DeviceNet with I/O
PROFIBUS with I/O
Modbus TCP with I/O
EtherNet/IP with I/O
Benefits
Reliability and Improved Uptime
Advanced diagnostics
allows for quick and
accurate identification of
the root source of a motor,
pump or power quality
fault; reducing trouble-
shooting time and the loss
of productivity, reducing
repeat faults due to
misdiagnosis, and
increasing process output
and profitability
Provides superior
protection of motors and
pumps before catastrophic
failure occurs
Increases profitability with
greater process uptime
and throughput, reduced
costs per repair, reduced
energy consumption and
extended equipment life
Adjustments to overload
configuration can be made
at any time
Safety
IP20 rated terminal blocks
Terminal blocks are set back
from the display to reduce
operator shock hazard
Remote display (optional)
does not require that the
operator open the panel to
configure the device
Flexibility
Communications modules
Offered in a variety of
configurations
External snap-on modules
provide support for
multiple communications
protocols
Advanced power, voltage
and current monitoring
capabilities
Communications modules
and remote display can be
used simultaneously
Highly configurable fault
and reset characteristics
for numerous applications
Fully programmable
isolated fault and auxiliary
relays
Ease of Use
Bright LED display with
easy-to-understand setting
and references
Powered from line voltage
or 120 Vac control power
Remote display powered
from base unit
Full word descriptions and
units on user interface
Standards and Certifications
cULus listed NKCR,
NKCR7, 508
UL® 1053 applicable
sections for ground fault
detection
CSA® certified
(Class 3211-02)
CE
NEMA®
IEC EN 60947-4-1
CCC
RoHS
Features and benefits
C441 Overload and monitoring relay
45
AUTOMATION AND CONTROL
www.eaton.com/seasia-electrical
1.2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com