Electronic Components Datasheet Search
  English  ▼

X  

173701 Datasheet(PDF) 21 Page - Eaton All Rights Reserved.

Part # 173701
Description  Thermal overload relays XTOD/XTOG
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

173701 Datasheet(HTML) 21 Page - Eaton All Rights Reserved.

Back Button 173701 Datasheet HTML 17Page - Eaton All Rights Reserved. 173701 Datasheet HTML 18Page - Eaton All Rights Reserved. 173701 Datasheet HTML 19Page - Eaton All Rights Reserved. 173701 Datasheet HTML 20Page - Eaton All Rights Reserved. 173701 Datasheet HTML 21Page - Eaton All Rights Reserved. 173701 Datasheet HTML 22Page - Eaton All Rights Reserved. 173701 Datasheet HTML 23Page - Eaton All Rights Reserved. 173701 Datasheet HTML 24Page - Eaton All Rights Reserved. 173701 Datasheet HTML 25Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
Electronic overload relays to 1500 A
Basic devices
Ground fault detection
Setting range
of overload releases
Circuit symbol
Auxiliary contact
For use with
Ir
A
N/O = normally open contact
NC = normally closed contact
ZEB12 electronic overload relay
• Phase-failure sensitivity
• Test/off pushbutton
• Reset button
• Manual/Auto reset selectable
• Protection with heavy starting
duty (Class 10A-30)
Direct mounting
DILM7
0.33 – 1.65
Without
DILM9
DILM12
DILM15
DIULM7
DIULM9
DIULM12
SDAINLM12
SDAINLM16
SDAINLM22
Without
Without
With
With
With
1 – 5
4 – 20
0.33 – 1.65
1 – 5
4 – 20
ZEB32 electronic overload relay
• Phase-failure sensitivity
• Test/off pushbutton
• Reset button
• Manual/Auto reset selectable
• Protection with heavy starting
duty (Class 10A-30)
ZEB32 electronic overload relay
• Phase-failure sensitivity
• Test/off pushbutton
• Reset button
• Manual/Auto reset selectable
• Protection with heavy starting
duty (Class 10A-30)
Direct mounting
DILM17
0.33 – 1.65
Without
DILM25
DILM32
DILM38
DIULM17
DIULM25
DIULM32
SDAINLM30
SDAINLM45
SDAINLM55
Without
Without
Without
With
With
With
With
1 – 5
4 – 20
9 – 45
0.33 – 1.65
1 – 5
4 – 20
9 – 45
Separate mounting
DILM17
0.33 – 1.65
Without
DILM25
DILM32
DILM38
DIULM17
DIULM25
DIULM32
SDAINLM30
SDAINLM45
SDAINLM55
Without
Without
Without
With
With
With
With
1 – 5
4 – 20
9 – 45
0.33 – 1.65
1 – 5
4 – 20
9 – 45
2
4
6
98 96
97 95
2
4
6
98 96
97 95
1
3
5
97 95
2
4
6
98 96
ZEB12, ZEB32
1 N/O
1 NC
1 N/O
1 NC
1 N/O
1 NC
1 N/O
1 NC
1 N/O
1 NC
1 N/O
1 NC
1 N/O
1 NC
1 N/O
1 NC
1 N/O
1 NC
1 N/O
1 NC
1 N/O
1 NC
1 N/O
1 NC
1 N/O
1 NC
1 N/O
1 NC
1 N/O
1 NC
1 N/O
1 NC
1 N/O
1 NC
1 N/O
1 NC
1 N/O
1 NC
1 N/O
1 NC
1 N/O
1 NC
1 N/O
1 NC
Information relevant for export to North America
UL 508; CSA-C22.2 No.14; IEC/EN 60947-4-1; CE marking
Request filed for UL and CSA
Branch circuits
600 V AC
IEC: IP20, UL/CSA Type: -
Product Standards
NA Certification
Suitable for
Max. Voltage Rating
Degree of Protection
21
AUTOMATION AND CONTROL
www.eaton.com/seasia-electrical
1.2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com