Electronic Components Datasheet Search
  English  ▼

X  

173701 Datasheet(PDF) 29 Page - Eaton All Rights Reserved.

Part # 173701
Description  Thermal overload relays XTOD/XTOG
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

173701 Datasheet(HTML) 29 Page - Eaton All Rights Reserved.

Back Button 173701 Datasheet HTML 25Page - Eaton All Rights Reserved. 173701 Datasheet HTML 26Page - Eaton All Rights Reserved. 173701 Datasheet HTML 27Page - Eaton All Rights Reserved. 173701 Datasheet HTML 28Page - Eaton All Rights Reserved. 173701 Datasheet HTML 29Page - Eaton All Rights Reserved. 173701 Datasheet HTML 30Page - Eaton All Rights Reserved. 173701 Datasheet HTML 31Page - Eaton All Rights Reserved. 173701 Datasheet HTML 32Page - Eaton All Rights Reserved. 173701 Datasheet HTML 33Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
For use with
Part no.
Article no.
Price
See price list
Std. pack
Notes
For use with
Part no.
Article no.
Price
See price list
Std. pack
Notes
Covers
Direct mounting Z5-…/FF225 to
DILM185A
DILM225A
Z5/FF225A-XHB-Z
139579
1 off
Z5-…/FF225A
Z5-…/FF250
Z5/FF250-XHB
215217
1 off
the contactor
Fitted directly to
the contactor
Direct mounting Z5-…/FF250 to
DILM250
DILM300A
Z5/FF250-XHB-Z
215218
1 off
Fitted directly to the contactor
Separate mounting
Fitted directly to
Fitted directly to the contactor
Box terminals kit
Consisting of 3 individual clamps
For
connection
of copper
flat strip
max.
W × H
mm
With protective cover
Z5-…/FF250
K-B-DIL6AM
064062
1 off
protective covers must be used.
With control circuit
terminal and protective
cover
Z5-…/FF250
24 × 26
24 × 26
KS-B-DIL6AM
064063
1 off
When using box terminals the
When using box terminals the
protective covers must be used.
Z5-.../FF225A
DILM400
-XHB
Z5/FF225A
-XHB-Z
Z5/FF250
-XHB
DILM185A/
225A
Z5/FF250
-XHB
Z5/FF250
-XHB
Z5-.../FF250/
FF225A
Z5-.../FF250
DILM400
-XHB
Z5/FF250
-XHB-Z
Z5/FF250
-XHB
DILM250/
300A
Z5-.../FF225A
DILM400
-XHB
Z5/FF225A
-XHB-Z
Z5/FF250
-XHB
DILM185A/
225A
Z5-.../FF250
DILM400
-XHB
Z5/FF250
-XHB-Z
Z5/FF250
-XHB
DILM250/
300A
Z5..., K-B..., KS-B...
Covers
Covers
Overload relays
Accessories
29
AUTOMATION AND CONTROL
www.eaton.com/seasia-electrical
1.2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com