Electronic Components Datasheet Search
  English  ▼

X  

L2572 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # L2572
Description  WIDEBAND PLL FM DEMODULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L2572 Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button L2572 Datasheet HTML 2Page - Unisonic Technologies L2572 Datasheet HTML 3Page - Unisonic Technologies L2572 Datasheet HTML 4Page - Unisonic Technologies L2572 Datasheet HTML 5Page - Unisonic Technologies L2572 Datasheet HTML 6Page - Unisonic Technologies L2572 Datasheet HTML 7Page - Unisonic Technologies L2572 Datasheet HTML 8Page - Unisonic Technologies L2572 Datasheet HTML 9Page - Unisonic Technologies L2572 Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
L2572
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 14
www.unisonic.com.tw
QW-R102-032.A
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP MAX
UNIT
VIDEO DRIVE
Luminance Nonlinearity
Differential Gain
Differential Phase
Intermodulation
Signal/noise
Tilt
Baseline Distortion
1KΩ load, See note 3 and 4
75KΩ load, See note 3 and 4
75KΩ load, See note 3 and 4
See notes 1, 3 and 4
1KΩ load, See note 2 and 4
1KΩ load, See note 3 and 4
1KΩ load, See note 3 and 4
66
1.9
0.5
1.0
72
0.3
0.4
5
2.5
3
-40
3
2
%
%
Degree
dB
dB
%
%
AGC Output Current
IOUT
Maximum load voltage drop 2V
10
400
µA
AGC Bias Current
IBIAS
0
250
µA
AFC Window Current
400µA gives 1.5V deadband
window
0
400
µA
AFC Charge Pump Current
50
µA
AFC Leakage Current
ILEAK
With charge pump disabled
10
µA
AFC Output Saturation Voltage
VO(SAT)
AFC output enabled
0.4
V
Note 1. Input modulation’s product f 1 at 4.43MHz, 13.5MHz p–p deviation and f 2 at 6MHz p–p deviation, (PAL
chroma and sound subcarriers).
2. To output rms noise in 6MHz bandwidth with no input modulation, ratio of output video signal with input
modulation at 1MHz, 13.5MHz p–p deviation.
3. Output voltage is 600mV pk–pk and input test signal pre–emphasised video 13.5MHz p–p deviation.
4. See page 4
5. Assuming ambient temperature of +20°C and operating frequency of 479.5MHz set with VCC @ 5.0V. Only
applies to application shown in Fig. 1 also refer to Fig. 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com