Electronic Components Datasheet Search
  English  ▼

X  

L2572 Datasheet(PDF) 8 Page - Unisonic Technologies

Part # L2572
Description  WIDEBAND PLL FM DEMODULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L2572 Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button L2572 Datasheet HTML 4Page - Unisonic Technologies L2572 Datasheet HTML 5Page - Unisonic Technologies L2572 Datasheet HTML 6Page - Unisonic Technologies L2572 Datasheet HTML 7Page - Unisonic Technologies L2572 Datasheet HTML 8Page - Unisonic Technologies L2572 Datasheet HTML 9Page - Unisonic Technologies L2572 Datasheet HTML 10Page - Unisonic Technologies L2572 Datasheet HTML 11Page - Unisonic Technologies L2572 Datasheet HTML 12Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
L2572
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 14
www.unisonic.com.tw
QW-R102-032.A
FUNCTIONAL DESCRIPTION
The UTC L2572 as optimized for application in satellite receiver systems and requiring a minimum external
component count is a wideband PLL FM demodulator. It includes all the elements required to construct a phase
locked loop circuit, with the exception of an AFC detector circuit for generation of error signal to correct for any
frequency drift in the outdoor unit local oscillator, and tuning components for the local oscillator contains a block
diagram and Fig. 1 contains the typical application.
Fig. 2-1 contains the internal pin connections
In applications the second satellite IF frequency of typically 479.5 or 402MHz is fed to the RF preamplifier normally,
which depending on application and layout has a working sensitivity of typically -40 dBm. An RF level detect circuit,
which generates an AGC signal that can be used for controlling the gain of the IF amplifier stages is contained in the
preamplifier, so it can be maintaining a fixed level to the RF input of the UTC L2572, for optimum threshold
performance. The AGC circuit’s bias point can be adjusted to cater for device input power and variation in AGC line
voltage requirement. Fig. 5 shows the typical AGC curves are shown in. That the device is recommended that be
operated with an input signal between -30 and -35dBm. That can ensure optimum linearity and threshold
performance, and when over the typical sensitivity of -40dBm can give a good safety margin.
The preamplifier’s output is fed to the mixer section which is of balanced design for low radiation. In this stage the
RF signal is mixed with which is generated by an on–board oscillator, the local oscillator frequency. The oscillator
block is optimized for high linearity over the normal deviation range and uses an external varactor tuned sustaining
network. Fig. 3 contains a typical frequency versus voltage characteristic for the oscillator. Fig.4 shows the typical
stability that he loop output is designed to compensate for first order temperature variation effects.
The mixer’s output is then fed to the loop amplifier around which feedback is applied to effect loop transfer
characteristic. Feedback could be applied either in single ended or differential mode; both modes should give the
same loop response if the appropriate phase detector gains are assumed in calculating loop filters.
The loop amplifier drives a 75Ω output impedance buffer amplifier, which could be connected to a 75Ω load and
used to drive a high input impedance stage giving greater linearity and approximately 6dB higher demodulated signal
output level too.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com