Electronic Components Datasheet Search
  English  ▼

X  

L2572 Datasheet(PDF) 9 Page - Unisonic Technologies

Part # L2572
Description  WIDEBAND PLL FM DEMODULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L2572 Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button L2572 Datasheet HTML 5Page - Unisonic Technologies L2572 Datasheet HTML 6Page - Unisonic Technologies L2572 Datasheet HTML 7Page - Unisonic Technologies L2572 Datasheet HTML 8Page - Unisonic Technologies L2572 Datasheet HTML 9Page - Unisonic Technologies L2572 Datasheet HTML 10Page - Unisonic Technologies L2572 Datasheet HTML 11Page - Unisonic Technologies L2572 Datasheet HTML 12Page - Unisonic Technologies L2572 Datasheet HTML 13Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
L2572
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
9 of 14
www.unisonic.com.tw
QW-R102-032.A
INTERNAL CIRCUITS
VCC
AGC Output
VREF:2.7V
Fig. 2-1 AGC Output
VREF:2V
Fig. 2-2 AGC Bias Adjust
AGC Bias
VREF:1.6V
Fig. 2-4 AFC Window Adjust
AFC WINDOW
RF Input
VREF:36V
2X1500
Fig. 2-3 RF Input
AFC OUTPUT
AFC Pump
VCC
10K
Fig. 2-5 AFC Output Stage
Fig. 2-6 Video Amp Output
2mA
2mA
330
330
Video -
Video +



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com