Electronic Components Datasheet Search
  English  ▼

X  

L2572 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L2572
Description  WIDEBAND PLL FM DEMODULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L2572 Datasheet(HTML) 1 Page - Unisonic Technologies

  L2572 Datasheet HTML 1Page - Unisonic Technologies L2572 Datasheet HTML 2Page - Unisonic Technologies L2572 Datasheet HTML 3Page - Unisonic Technologies L2572 Datasheet HTML 4Page - Unisonic Technologies L2572 Datasheet HTML 5Page - Unisonic Technologies L2572 Datasheet HTML 6Page - Unisonic Technologies L2572 Datasheet HTML 7Page - Unisonic Technologies L2572 Datasheet HTML 8Page - Unisonic Technologies L2572 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L2572
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 14
Copyright © 2007 Unisonic Technologies Co., Ltd
QW-R102-032.A
WIDEBAND PLL FM
DEMODULATOR
DESCRIPTION
As a wideband PLL FM demodulator, the UTC L2572 is
intended for application in satellite tuners primarily.
The device includes all the necessary elements, with
external oscillator sustaining network and the exception of
loop feedback components, to form a PLL system operating
at frequencies up to 800MHz completely.
An AFC with window adjust (whose output signal can be
used to correct for any frequency drift at the head end local
oscillator) is provided.
FEATURES
* Constant voltage and constant current control
* Single chip PLL system for wideband FM demodulation
* Simple low component count application
* Allows for application of threshold extension
* Fully balanced low radiation design
* High operating input sensivity
* Improved VCO stability with variations in supply or
temperature
* AGC detect and bias adjust
* 75Ω video output drive with low distortion levels
* Dynamic self biasing analog AFC
* Full ESD Protection
SOP-16
*Pb-free plating product number: L2572L
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Package
Packing
L2572-S16-R
L2572L-S16-R
SOP-16
Tape Reel
L2572-S16-T
L2572L-S16-T
SOP-16
Tube


Similar Part No. - L2572

ManufacturerPart #DatasheetDescription
logo
Powerbox
L25 POWERBOX-L25 Datasheet
646Kb / 1P
1.5W - 3KV SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
Ohmite Mfg. Co.
L25 OHMITE-L25 Datasheet
385Kb / 2P
Flame resistant coating
logo
Sensata Technologies, I...
L25 SENSATA-L25 Datasheet
270Kb / 5P
INCREMENTAL OPTICAL ENCODER
logo
Nippon Pulse America, I...
L250 NPM-L250 Datasheet
930Kb / 5P
Linear Shaft Motor
logo
CITIZEN ELECTRONICS CO....
L250-HOLDER CITIZEN-L250-HOLDER Datasheet
490Kb / 4P
General tolerances
More results

Similar Description - L2572

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA3361 SANYO-LA3361 Datasheet
212Kb / 8P
PLL FM Multiplex Stereo Demodulator
logo
Mitel Networks Corporat...
SL1461SA MITEL-SL1461SA Datasheet
285Kb / 12P
Wideband PLL FM Demodulator
logo
Zarlink Semiconductor I...
SL1466 ZARLINK-SL1466 Datasheet
341Kb / 18P
Wideband PLL FM Demodulator
logo
Hitachi Semiconductor
HA1196 HITACHI-HA1196 Datasheet
64Kb / 2P
PLL FM Stereo Demodulator
logo
List of Unclassifed Man...
SL1461 ETC2-SL1461 Datasheet
200Kb / 13P
WIDEBAND PLL FM DEMODULATOR
logo
Zarlink Semiconductor I...
SL1461SA ZARLINK-SL1461SA Datasheet
538Kb / 13P
Wideband PLL FM Demodulator
logo
Mitel Networks Corporat...
SL1466 MITEL-SL1466 Datasheet
175Kb / 16P
Wideband PLL FM Demodulator Preliminary Information
logo
Silan Microelectronics ...
SA3370 SILAN-SA3370 Datasheet
133Kb / 4P
PLL FM MULTIPLEXER STEREO DEMODULATOR
SA3375 SILAN-SA3375 Datasheet
131Kb / 5P
PLL FM MULTIPLEXER STEREO DEMODULATOR
logo
List of Unclassifed Man...
PS20100 ETC2-PS20100 Datasheet
800Kb / 11P
Wideband PLL FM Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com