Electronic Components Datasheet Search
  English  ▼

X  

MIC2132 Datasheet(PDF) 25 Page - Microchip Technology

Part # MIC2132
Description  75V Dual Phase, Advanced COT Buck Controller, Stackable for Multiphase Operation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2132 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MIC2132 Datasheet HTML 21Page - Microchip Technology MIC2132 Datasheet HTML 22Page - Microchip Technology MIC2132 Datasheet HTML 23Page - Microchip Technology MIC2132 Datasheet HTML 24Page - Microchip Technology MIC2132 Datasheet HTML 25Page - Microchip Technology MIC2132 Datasheet HTML 26Page - Microchip Technology MIC2132 Datasheet HTML 27Page - Microchip Technology MIC2132 Datasheet HTML 28Page - Microchip Technology MIC2132 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006654B-page 25
MIC2132
4.5.5
SOFT START
Soft start reduces the power supply input surge current
at start-up by controlling the output voltage rise time.
The input surge appears while the output capacitor is
charged up. A slower output rise time will draw a lower
input surge current.
The MIC2132 features adjustable soft start time. The
soft start time can be adjusted by changing the value of
the capacitor connected from the SS pin to AGND. The
soft start time can be adjusted from 5 ms to 100 ms.
The MIC2132 forces 1.2 µA current from the SS pin.
This constant current flows through the soft start
capacitor connected from the SS pin to AGND in order
to adjust the soft start time.
The soft start capacitor value for the desired VOUT
ramp-up time can be calculated from Equation 4-19.
EQUATION 4-19:
4.5.6
VDD REGULATOR AND EXTVDD
LDO
The MIC2132 has an integrated high-voltage LDO that
provides a 5V regulated output from Input Voltage, VIN,
ranging from 8V to 75V. When VIN < 5.5V, VDD must be
tied to the VIN pins to bypass the internal linear regulator.
The internal LDO powers the control circuitry from the
VDD pin and gate drive current from the PVDD pin.
The MIC2132 also features an auxiliary low-voltage
LDO, which is powered by EXTVDD. When the voltage
on the EXTVDD is at 4.7V (typical) or higher, this
auxiliary LDO is enabled and powers all the internal
circuitry. At the same time, the main high-voltage LDO is
disabled. This increases the efficiency of the system by
reducing the differential voltage across the high-voltage
LDO, hence reducing the power losses in the LDO. In
general, the output of the buck converter is used as the
power supply for the auxiliary LDO by connecting the
EXTVDD pin to the output of the buck converter. The
maximum voltage that can be applied at EXTVDD is
limited to 14V. Figure 4-11 shows the internal 5V LDO
and EXTVDD connection in the MIC2132.
FIGURE 4-11:
MIC2132 EXTVDD.
Given that the EXTVDD is powered from the VOUT of
the buck regulator, the VOUT is noisy if there is a fast
changing load. When VOUT > 5V + VDROPOUT, the
noise could be suppressed by a loop of 12V LDO. How-
ever, when VOUT = 5V, the 12V LDO works in Dropout
mode and there is no loop gain. The LDO acts just like
a resistor. It is not recommended to connect EXTVDD
to VOUT if VOUT < 5V.
4.5.7
POWER GOOD (PG)
The Power Good (PG) pin is an open-drain output,
which indicates logic high when the output is nominally
over 88% of its steady-state voltage. A pull-up resistor
of more than 10 kΩ should be connected from PG to
VDD. During soft start, the PG is held low and is
allowed to be pulled high after VOUT is achieved over
88% of the target level.
4.5.8
SEQUENCING
The MIC2132 has a precision enable function. The EN
pin threshold will either enable/disable switching.
When the EN pin voltage is higher than 1.2V (typical),
the MIC2132 is put into operation. The internal
regulator will power up and start switching. Figure 4-12
shows the EN pin sequencing.
Where:
tSS = Output Voltage Soft Start Ramp-up Time
CSS =
1.2 µA × tSS
VREF
HV LDO
IN
4.7V
VIN
EXTVDD
12V LDO
with
everse
locking
IN
OUT
VDD
OUT
2.2 ohm
2.2 μF
4.7 μF
PVDD
PGND
AGND
MIC2132 REG_ With EXTVDD
HV LDO
IN
OUT
VIN
2 ohm
2.2 μF
4.7 μF
VDD
AGND
PGND
PVDD
MIC2132 REG_Internal 5V
lock
Bypass_B
Bypass
EN
VDD
ypass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com