Electronic Components Datasheet Search
  English  ▼

X  

MIC2132 Datasheet(PDF) 31 Page - Microchip Technology

Part # MIC2132
Description  75V Dual Phase, Advanced COT Buck Controller, Stackable for Multiphase Operation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2132 Datasheet(HTML) 31 Page - Microchip Technology

Back Button MIC2132 Datasheet HTML 27Page - Microchip Technology MIC2132 Datasheet HTML 28Page - Microchip Technology MIC2132 Datasheet HTML 29Page - Microchip Technology MIC2132 Datasheet HTML 30Page - Microchip Technology MIC2132 Datasheet HTML 31Page - Microchip Technology MIC2132 Datasheet HTML 32Page - Microchip Technology MIC2132 Datasheet HTML 33Page - Microchip Technology MIC2132 Datasheet HTML 34Page - Microchip Technology MIC2132 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006654B-page 31
MIC2132
5.2
Output Capacitor Selection
The output capacitor is usually determined by its
capacitance and Equivalent Series Resistance (ESR).
Voltage and RMS current capability are two other
important factors in selecting the output capacitor.
Recommended capacitor types are ceramic, low-ESR
aluminum electrolytic, OS-CON and POSCAP. The
output capacitor’s ESR is usually the main cause of the
output ripple voltage in steady state, while the total
output capacitance must be large enough to sustain and
maintain the output voltage during load transient to meet
the desired load transient output voltage requirement.
To determine the required output capacitance for a
two-phase buck converter in steady state, peak-to-peak
output ripple current as seen by the output capacitors
must be known. The peak-to-peak output ripple current
for single-phase, two-phase, four-phase, six-phase and
eight-phase buck converters is shown in Figure 5-1. The
graph shows that peak-to-peak output ripple current, nor-
malized by the maximum value, is a function of the duty
cycle. Since each channel is 180 degrees out of phase
with the other for a two-phase buck converter, the
two-phase peak-to-peak output ripple current is less than
that for a single-phase converter and the ripple current
effective frequency is doubled, as seen by the output
capacitor. This is the ripple reduction effect of two-phase
operation. In addition, at 50% duty cycle, the inductor
ripple currents from each channel cancel each other and
the output ripple current is close to zero.
More ripple reduction can be achieved similarly for multi-
phase operation by stacking MIC2132 devices, up to four
devices together, for multiphase operation from
four-phase up to eight-phase.
FIGURE 5-1:
Normalized Peak-to-Peak
Output Ripple Current vs. Duty Cycle.
The peak-to-peak output ripple current shown in
Figure 5-1 is normalized by the maximum value, which
is used as the normalizing factor for simplifying the
calculation of output ripple current.
The peak-to-peak output ripple current maximum value
and normalizing factor is calculated by Equation 5-7.
EQUATION 5-7:
The approximate peak-to-peak output ripple current of
a given multiphase buck converter at a given duty cycle
can be determined from the corresponding normalized
value for the multiphase buck converter in Figure 5-1,
multiplied by the normalizing factor, as shown in
Equation 5-8.
EQUATION 5-8:
The total output ripple voltage is a combination of the
ripple voltages caused by the ESR and output capaci-
tance. The output ripple voltage of the two-phase buck
converter in steady state can then be determined from
Equation 5-9.
EQUATION 5-9:
The minimum output capacitance required for a
two-phase buck converter in steady state can be
estimated by Equation 5-10.
EQUATION 5-10:
To meet the load transient requirement, the output
capacitance
must
also
fulfill
the
criteria
in
Equation 5-11. The output capacitance value chosen
must meet the criteria in both equations.
IOPP(MAX) =
VOUT
L × fSW
Where:
ΔIOPP(NORMALIZED) = Normalized Peak-to-Peak
Output Ripple Current Value for
Given Multiphase Buck
Converter at Given Duty Cycle
in Figure 5-1
IOPP = IOPP(NORMALIZED) × IOPP(MAX)
Where:
ΔVOUT(PP) = Peak-to-Peak Output Ripple Voltage
ΔIOPP = Peak-to-Peak Output Ripple Current
COUT = Output Capacitance
fSW = Switching Frequency per Phase
ESRCOUT = ESR of Output Capacitor
VOUT(PP) =
IOPP
16 × COUT × fSW
2 + (IOPP × ESRCOUT)2
√
COUT ≥
IOPP
16 ×
VOUT(PP) × fSW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com