Electronic Components Datasheet Search
  English  ▼

X  

MIC2132 Datasheet(PDF) 9 Page - Microchip Technology

Part # MIC2132
Description  75V Dual Phase, Advanced COT Buck Controller, Stackable for Multiphase Operation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2132 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MIC2132 Datasheet HTML 5Page - Microchip Technology MIC2132 Datasheet HTML 6Page - Microchip Technology MIC2132 Datasheet HTML 7Page - Microchip Technology MIC2132 Datasheet HTML 8Page - Microchip Technology MIC2132 Datasheet HTML 9Page - Microchip Technology MIC2132 Datasheet HTML 10Page - Microchip Technology MIC2132 Datasheet HTML 11Page - Microchip Technology MIC2132 Datasheet HTML 12Page - Microchip Technology MIC2132 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006654B-page 9
MIC2132
Stackability APO, NPI, ONR
High-Level Input Voltage for NPI
VIH(NPI)
2.0
—
—
V
Current = 0.5 mA
Low-Level Input Voltage for NPI
VIL(NPI)
—
—
0.8
V
Current = 0.5 mA
High-Level Output Voltage for APO
VOH(APO)
—
4.7
—
V
Current = 0.5 mA
Low-Level Output Voltage for APO
VOL(APO)
—
0.25
—
V
Current = 0.5 mA
High-Level Output for ONR
VOH(ONR)
—
4.5
—
V
Current = 0.5 mA
Low-Level Output for ONR
VOL(ONR)
—
0.25
—
V
Current = 0.5 mA
Leakage Current
ILEAK
——
1
µA
VDD = 5V
ONR Short Current
ISHT(ONR)
—5.8
—
mA
Thermal Shutdown
Thermal Shutdown Threshold
TSD
—
160
—
°C
TJ Rising (Note 2)
Thermal Shutdown Hysteresis
TSD_HYS
—20
—
°C
Note 2
ELECTRICAL CHARACTERISTICS(1) (CONTINUED)
Electrical Characteristics: VIN =12V; VOUT =5V; fSW = 500 kHz/phase; VBST – VSW =5V; TA = +25°C, unless noted.
Boldface values indicate -40°C ≤ TJ ≤ +125°C.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Note 1: Specification for packaged product only.
2: Guaranteed by design and characterization. Not production tested.
3: Measured in Test mode.
4: The maximum duty cycle is limited by the fixed mandatory off-time of typically 360 ns.
5: Limited by maximum junction temperature, TJ = +125°C.
TEMPERATURE SPECIFICATIONS
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Junction Temperature Range
TJ
-40
—
+125
°C
Note 1
Maximum Junction Temperature
TJ(ABSMAX)
—
—
+150
°C
Storage Temperature Range
TS
-65
—
+150
°C
Lead Temperature
TLEAD
—
—
+300
°C
Soldering, 10s
Package Thermal Resistance
Thermal Resistance, 5 mm x 5 mm,
32-Lead VQFN
JC
—
2
—
°C/W
Junction to Case
Thermal Resistance, 5 mm x 5 mm,
32-Lead VQFN
JA
—
34
—
°C/W
Junction to Ambient
Note 1: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, JA). Exceeding the
maximum allowable power dissipation will cause the device operating junction temperature to exceed the
maximum +125°C rating. Sustained junction temperatures above +125°C can impact the device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com