Electronic Components Datasheet Search
  English  ▼

X  

NEX80809DA Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # NEX80809DA
Description  Wide Vcc range multi-mode flyback controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

NEX80809DA Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  NEX80809DA Datasheet HTML 1Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 2Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 3Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 4Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 5Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 6Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 7Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 8Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Nexperia
NEX8080 series
Wide Vcc range multi-mode flyback controller
7.2. Pin description
Pin
Name
Number
I/O
Description
GND
1
PWR
Ground
FB
2
IN
Secondary side voltage feedback pin. Connect to the collector of the opto-coupler.
ZCD
3
IN
Auxiliary voltage sense, brown-in/-out and quasi-resonant valley detection.
CS
4
IN
Current sense pin, connect to the sense resistor of the MOSFET.
VCC
5
PWR
Supply input terminal
DRV
6
OUT
Gate drive output to drive the external MOSFET
8. Product specifications
8.1. Limiting values
Table 4. Limiting values
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
-0.3
100
V
DRV
gate drive voltage
-0.3
VDRV_H V
CS, FB, ZCD CS, FB, ZCD voltage
-0.3
5.5
V
TJ
operating junction temperature
-40
TSD
°C
ESD
HBM: ANSI/ESDA/JEDEC JS-001
class 2, all pins except CS
-2000
+2000
V
HBM: ANSI/ESDA/JEDEC JS-001
class 1C, CS pin only
-1500
+1500
V
VESD
ESD voltage
CDM: ANSI/ESDA/JEDEC JS-001
class C2a
-500
+500
V
8.2. Thermal characteristics
Table 5. Thermal characteristics
Symbol
Parameter
TSOT23
Unit
RΘJA
junction-to-ambient thermal resistance
127
C/W
8.3. Recommended operating conditions
Table 6. Recommended operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
10
VCC_OVP V
CS, ZCD
CS, ZCD voltage
0
5
V
TJ
operating junction temperature
-40
125
°C
NEX8080_series
Submit document feedback
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2024. All rights reserved
Product data sheet
Rev. 1 — 30 September 2024
3 / 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com