Electronic Components Datasheet Search
  English  ▼

X  

NEX80809DA Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # NEX80809DA
Description  Wide Vcc range multi-mode flyback controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

NEX80809DA Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  NEX80809DA Datasheet HTML 1Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 2Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 3Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 4Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 5Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 6Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 7Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 8Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
NEX8080 series
Wide Vcc range multi-mode flyback controller
Rev. 1 — 30 September 2024
Product data sheet
1. General description
The NEX8080 device series (NEX8080x) are intelligent
multi-mode PWM controller implemented with
peak current mode control. As the load changes,
it automatically switches between Continuous
Conduction Mode (CCM), Quasi-Resonant (QR)
mode, Discontinuous Conduction Mode (DCM) and
Pulse Frequency Modulation (PFM) Mode to maintain
a high efficiency across the entire load range. To
achieve an ultralow standby power, Burst Mode (BM) is
implemented in very light load or no-load condition.
The wide 10 V to 83 V VCC range makes NEX8080x
devices suitable for wide output voltage range
application, such as USB PD/PPS which require an
output range between 3.3 V to 21 V.
The NEX8080x offers comprehensive protection
including output OV/UV, VCC OV/UV, OPP, OCP, line
voltage BROWN-IN/OUT, secondary SR short, CS
open/short, internal/external OTP, etc.
Furthermore, the spread spectrum and smart driving
function can minimize noise and improve EMI
performance.
The NEX8080x device series comes in a cost-effective
TSOT23-6 package.
L
N
GND
FB
ZCD
DRV
VCC
CS
NEX8080x
EMI
filter
HV
VCC
VS
RSET
VD
GATE
VO+
RTN
aaa-040368
NEX81801/2
2. Features and benefits
• Wide VCC range (10 V to 83 V) supports PD/PPS
• Multimode support CCM/QR/DCM/PFM
• Peak Load Mode (NEX80805)
• Valley switching operation in QR/DCM/PFM
• Burst mode with ultra-low operation current under
light load and no load
• 65 kHz or 85 kHz maximum frequency options
• Internal soft start (SST)
• Output over voltage protection (OVP)
• Spread spectrum for better EMI
• Internal over temperature protection (OTP)
• External OTP by NTC resistor
• VCC over/under voltage protection (VCC OV/UV)
• Line voltage brown-in, brown-out (BNI/BNO)
• Output short circuit protection (SCP)
• CS open/short protection
• Secondary rectifier short protection (SRSP)
• Overload protection (OLP)
• Overpower protection (OPP) to meet LPS
• TSOT23-6 package
3. Applications
• USB PD/QC chargers
• AC/DC adapters for portable devices
• Auxiliary power for industrial and home equipment


Similar Part No. - NEX80809DA

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NEX80806 NEXPERIA-NEX80806 Datasheet
370Kb / 20P
Adaptive multi-mode flyback controller
Rev. 2 28 October 2024
NEX80806DA NEXPERIA-NEX80806DA Datasheet
370Kb / 20P
Adaptive multi-mode flyback controller
Rev. 2 28 October 2024
More results

Similar Description - NEX80809DA

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1871 LINER-LTC1871 Datasheet
411Kb / 36P
Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871-1 LINER-LTC1871-1 Datasheet
517Kb / 36P
Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
logo
Macronix International
MX25R512F MCNIX-MX25R512F Datasheet
1Mb / 85P
Wide Vcc Range, 512K-BIT
MX25R1035F MCNIX-MX25R1035F Datasheet
1Mb / 87P
Wide Vcc Range, 1M-BIT
MX25R1635F MCNIX-MX25R1635F Datasheet
1Mb / 88P
Wide Vcc Range, 16M-BIT
MX25R2035F MCNIX-MX25R2035F Datasheet
1Mb / 88P
Wide Vcc Range, 2M-BIT
MX25R3235F MCNIX-MX25R3235F Datasheet
1Mb / 89P
Wide Vcc Range, 32M-BIT
MX25R4035F MCNIX-MX25R4035F Datasheet
1Mb / 88P
Wide Vcc Range, 4M-BIT
logo
Linear Technology
LTC1871 LINER-LTC1871_15 Datasheet
527Kb / 36P
Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com