Electronic Components Datasheet Search
  English  ▼

X  

NEX80809DA Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # NEX80809DA
Description  Wide Vcc range multi-mode flyback controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

NEX80809DA Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  NEX80809DA Datasheet HTML 1Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 2Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 3Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 4Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 5Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 6Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 7Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 8Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Nexperia
NEX8080 series
Wide Vcc range multi-mode flyback controller
Symbol
Parameter
Conditions
Min
Typ
Max Unit
Zero current detection (ZCD pin)
IZCD_VALLEY
valley detection threshold
-
9
-
μA
NEX80801, NEX80805, NEX80808
-
3
-
μs
tW_VALLEY
valley window time
NEX80809
-
2.5
-
μs
IBNI
brown-in detection threshold
TJ = 25 °C
-
91
96 μA
IBNO
brown-out detection threshold
[1]
79
85
91 μA
tD_BNO
brown-out deglitch time
-
50
-
ms
VZCD_OVP
ZCD OVP threshold
3.3
3.6
3.8 V
tD_ZCD_OVP
ZCD OVP deglitch time
-
7
-
cycles
VZCD_SCP
output short-circuit protection
threshold
-
0.3
-
V
tD_ZCD_SCP
output short-circuit protection
deglitch time
-
7
-
cycles
tBLK_UVP
UVP/SCP blanking time during soft
start
-
20
-
ms
Gate Drive (DRV pin)
VDRV_L
DRV low level
-
-
0.2 V
DRV high level
VCC = 12 V
8
-
-
V
VDRV_H
DRV high level clamp voltage
VCC ≥ 15 V
-
11.5
-
V
tr
DRV rising time
Cload = 1 nF
-
250
-
ns
tf
DRV falling time
Cload = 1 nF
-
30
-
ns
Control law
NEX80801, NEX80805, NEX80808
60
65
70 kHz
FMAX
maximum switching frequency
NEX80809
76
85
91 kHz
FMIN
minimum switching frequency
20
25
30 kHz
FPEAK
maximum switching frequency in
peak load mode
NEX80805
117
130
143 kHz
DMAX
maximum duty cycle
-
78
-
%
Over temperature protection
TSD
internal thermal shutdown threshold
-
155
-
°C
TSD_HYS
internal thermal shutdown
hysteresis
-
30
-
°C
VCS_OTP
external OTP trigger voltage
-
VZCD/7
-
V
tD_OTP
external OTP deglitch time
-
1.5
-
ms
[1] Guaranteed by design.
NEX8080_series
Submit document feedback
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2024. All rights reserved
Product data sheet
Rev. 1 — 30 September 2024
5 / 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com