Electronic Components Datasheet Search
  English  ▼

X  

NEX80809DA Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # NEX80809DA
Description  Wide Vcc range multi-mode flyback controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

NEX80809DA Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button NEX80809DA Datasheet HTML 6Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 7Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 8Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 9Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 10Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 11Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 12Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 13Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Nexperia
NEX8080 series
Wide Vcc range multi-mode flyback controller
9.3.2. Brown-in/brown-out
In addition to the detection of VCC voltage, the input line voltage is also checked before the soft start is initiated. When the
primary MOS is turned on, the induced auxiliary winding voltage is negative, generating a current flowing out from the ZCD
pin. See Fig. 14 for reference.
NAUX
RZT
RZB
ZCD
Vth
Iline
aaa-040376
Fig. 14. Resistor divider at ZCD
Since the ZCD voltage is clamped at ~0 V by an internal circuit, this current is proportional to input voltage and can be
calculated as shown in Equation 1:
(1)
where NPRI and NAUX are the number of turns of primary winding and auxiliary winding respectively, and
RZT is the top side resistor of the divider from auxiliary winding to ZCD pin.
Each time VCC is higher than VCC_ON, the NEX8080x will send out several narrow pulses to turn on the primary MOS, and
then detect Iline. If Iline>IBNI (brown-in threshold current), the NEX8080x will initiate soft start process. Otherwise it will restart.
During the normal working period, Iline is always checked when the primary MOS is turned on. If Iline drops below IBNO
(brown-out threshold current) for a continuous period larger than tD_BNO (~50 ms), NEX8080x will restart. The timing
sequence of brown-out is shown in Fig. 15.
VCC_ON
VCC_OFF
VCC
Brown-out
timer
Time out
TD BNO
Brown-out
VBULK
VBNI
VBNO
aaa-040377
Resumed
Fig. 15. Timing sequence of brown-out
NEX8080_series
Submit document feedback
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2024. All rights reserved
Product data sheet
Rev. 1 — 30 September 2024
10 / 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com