Electronic Components Datasheet Search
  English  ▼

X  

RM5261 Datasheet(PDF) 33 Page - PMC-Sierra, Inc

Part # RM5261
Description  RM5261??Microprocessor with 64-Bit System Bus Data Sheet Released
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

RM5261 Datasheet(HTML) 33 Page - PMC-Sierra, Inc

Back Button RM5261 Datasheet HTML 29Page - PMC-Sierra, Inc RM5261 Datasheet HTML 30Page - PMC-Sierra, Inc RM5261 Datasheet HTML 31Page - PMC-Sierra, Inc RM5261 Datasheet HTML 32Page - PMC-Sierra, Inc RM5261 Datasheet HTML 33Page - PMC-Sierra, Inc RM5261 Datasheet HTML 34Page - PMC-Sierra, Inc RM5261 Datasheet HTML 35Page - PMC-Sierra, Inc RM5261 Datasheet HTML 36Page - PMC-Sierra, Inc RM5261 Datasheet HTML 37Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
Proprietary and Confidential to PMC-Sierra, Inc and for its Customer’s Internal Use
33
Document ID: PMC-2002241, Issue 1
RM5261™ Microprocessor with 64-Bit System Bus Data Sheet
Released
9
AC Electrical Characteristics
9.1
Capacitive Load Deration
9.2
Clock Parameters
Parameter
Symbol
Min
Max
Units
Load Derate
CLD
2
ns/25pF
IO Power Derate
21
mW/25pF/MHz
IO Power Derate @ 20pF load
4.0
5.5
mW/MHz
Parameter
Symbol
Test
Conditions
CPU Speed
Units
200 MHz
250 MHz
266 MHz
Min
Max
Min
Max
Min
Max
SysClock High
tSCH
Transition
≤ 5ns
3
3
3
ns
SysClock Low
tSCL
Transition
≤ 5ns
3
3
3
ns
SysClock Frequency1
25
100
25
125
33.3
106
MHz
SysClock Period
tSCP
40
40
30
ns
Clock Jitter for SysClock
tJI
±200
±150
±150
ps
SysClock Rise Time
tCR
222
ns
SysClock Fall Time
tCF
222
ns
ModeClock Period
tModeCKP
256
256
256
tSCP
JTAG Clock Period
tJTAGCKP
444
tSCP
Note
1.
Operation of the RM5261 is only guaranteed with the Phase Lock Loop Enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com