Electronic Components Datasheet Search
  English  ▼

X  

RM5261 Datasheet(PDF) 18 Page - PMC-Sierra, Inc

Part # RM5261
Description  RM5261??Microprocessor with 64-Bit System Bus Data Sheet Released
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

RM5261 Datasheet(HTML) 18 Page - PMC-Sierra, Inc

Back Button RM5261 Datasheet HTML 14Page - PMC-Sierra, Inc RM5261 Datasheet HTML 15Page - PMC-Sierra, Inc RM5261 Datasheet HTML 16Page - PMC-Sierra, Inc RM5261 Datasheet HTML 17Page - PMC-Sierra, Inc RM5261 Datasheet HTML 18Page - PMC-Sierra, Inc RM5261 Datasheet HTML 19Page - PMC-Sierra, Inc RM5261 Datasheet HTML 20Page - PMC-Sierra, Inc RM5261 Datasheet HTML 21Page - PMC-Sierra, Inc RM5261 Datasheet HTML 22Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
Proprietary and Confidential to PMC-Sierra, Inc and for its Customer’s Internal Use
18
Document ID: PMC-2002241, Issue 1
RM5261™ Microprocessor with 64-Bit System Bus Data Sheet
Released
reasons and for deadlock avoidance. This mechanism also facilitates the design of real-time
systems by allowing deterministic access to critical software.
The JTLB also contains information that controls the cache coherency protocol for each page.
Specifically, each page has attribute bits to determine whether the coherency algorithm is one of
the following:
•
uncached
•
non-coherent write-back
•
non-coherent write-through with write-allocate
•
non-coherent write-through without write-allocate
•
sharable
•
exclusive
•
update.
The non-coherent protocols are used for both code and data on the RM5261, with data using write-
back or write-through depending on the application.
The coherency attributes generate coherent transaction types on the system interface. However, in
the RM5261 cache coherency is not supported. Hence the coherency attributes should never be
used.
3.15 Instruction TLB
The RM5261 implements a 2-entry instruction TLB (ITLB) to minimize contention for the JTLB,
eliminate the timing critical path of translating through a large associative array, and save power.
Each ITLB entry maps a 4 KB page. The ITLB improves performance by allowing instruction
address translation to occur in parallel with data address translation. When a miss occurs on an
instruction address translation by the ITLB, the least-recently used ITLB entry is filled from the
JTLB. The operation of the ITLB is completely transparent to the user.
3.16 Data TLB
The RM5261 implements a 4-entry data TLB (DTLB) for the same reasons cited above for the
ITLB. Each DTLB entry maps a 4 KB page. The DTLB improves performance by allowing data
address translation to occur in parallel with instruction address translation. When a miss occurs on
a data address translation by the DTLB, the DTLB is filled from the JTLB. The DTLB refill is
pseudo-LRU: the least recently used entry of the least recently used pair of entries is filled. The
operation of the DTLB is completely transparent to the user.
3.17 Cache Memory
The RM5261 incorporates on-chip instruction and data caches that can be accessed in a single
processor cycle. Each cache has its own 64-bit data path and both caches can be accessed
simultaneously. The cache subsystem provides the integer and floating-point units with an
aggregate bandwidth of 3.2 GB per second at an internal clock frequency of 200 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com