Electronic Components Datasheet Search
  English  ▼

X  

MTLTCABLE Datasheet(PDF) 3 Page - Aceinna Inc.

Part # MTLTCABLE
Description  4 /h IMU and Dynamic Tilt Sensor with CAN Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACEINNA [Aceinna Inc.]
Direct Link  https://www.aceinna.com/
Logo ACEINNA - Aceinna Inc.

MTLTCABLE Datasheet(HTML) 3 Page - Aceinna Inc.

  MTLTCABLE Datasheet HTML 1Page - Aceinna Inc. MTLTCABLE Datasheet HTML 2Page - Aceinna Inc. MTLTCABLE Datasheet HTML 3Page - Aceinna Inc. MTLTCABLE Datasheet HTML 4Page - Aceinna Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Qualification Plan Summary (Not inclusive of all tests)
Electrical Loads
DUTs
Op
Mode3
Function
Class3
Summary
Over Voltage (V)
3
3.2
A
SAE J1455
4.13.1: 36 V, 1 hour
Reverse Voltage (V)
3
1.1
C
SAE J1455
4.13.1: -36 V, 5 minutes
Short Circuit
3
3.2
C
ISO167507-2
4.10.2: Signal Circuits
Starting Profile
3
3.2
A
ISO16750-2
4.6.3: 10 pulses, 24 V System, Level 2
Load dump
3
3.2
A
5 pulses, 56V, 90 s pulse rate; 95 pulses 56V 120 s pulse rate
Reset Behavior at Voltage Drop
3
3.2
B
ISO 16750-2
4.6.2
Mechanical Loads
Vibration Swept Sine
4
3.2
A
5 – 500 Hz; <10 Hz Displacement = ± 12 mm; >10 Hz = 5 g Pk
Vibration Random
4
3.2
C
5 – 2000 Hz; 15.35 g RMS, 48 hrs/axis
Mechanical Bump
4
3.2
C
100 bumps x 3 axis/DUT (600 Total/DUT) 400m/s2, ½ sine, 6 ms pulse
Mechanical Shock
4
3.2
C
3 Shocks x 3 axis x 2 directions (18 total) 981m/s2, ½ sine, 11 ms pulse
Mechanical Drop
2
1.1
C
1 m to steel plate, 1 drop x 3 axis x 2 directions (6 total)
Note 3: ISO 16750-1 Operation Mode and Function Class definition
Performance Specification
Ta = 25°C, VDC = 12 V, unless otherwise stated
Angular Rate
MIN
TYP2
MAX
Range (°/s)
-400
+400
Bias Instability (°/hr)1
4
Bias Stability over Temp (°/s)
0.2
Scale Factor Accuracy (%FSR)
0.2
Cross-Axis Error (%FSR)
0.1
Non-linearity Error (%FSR)
0.1
Angle Random Walk (°/√hr)1
0.4
Configurable Bandwidth (Hz)
5
50
Acceleration
MIN
TYP2
MAX
Range (g)
-8
+8
Bias Instability (µg)1
33
Bias Stability over Temp (mg)
3
Scale Factor Accuracy (%FSR)
0.2
Cross-Axis Error (%FSR)
0.1
Linearity Error (%FSR)
0.1
VRW (m/s/√hr)1
0.04
Configurable Bandwidth (Hz)
2
50
Pitch / Roll
MIN
TYP2
MAX
Pitch Angle Range ()
-70
+70
Roll Angle Range ()
-180
+180
Angle Accuracy over Temp ()3
0.05
Angle Accuracy over Angle Range ()4
0.15
Note 1: Allan variance curve, constant temperature
Note 2: Typical values are 1-sigma values unless otherwise noted
Note 3: RMS deviation from 25C value (Pitch and Roll = 0 degrees)
Note 4: RMS error over entire angle operating range
MTLT305E
4/h IMU and Dynamic Tilt Sensor with CAN Output
i n f o @ a c e i n n a . c o m
w w w . a c e i n n a . c o m
Document: 6020-3316-02_B
Electrical Specifications
Characteristic
Specification
Input voltage
9 – 32 V
Over voltage
36 V
Reverse voltage
-36 V
Current
40 mA @ 12 V Typ
Power
500 mW Typ
Reset response
Automatic after voltage dropout
Start-up time
<2 seconds
Max Output Data Rate
100 / 200 Hz (CAN / Serial)
CAN Baud rate
250k – 1M
RS232 Baud Rate
38400 – 230400
Environmental Specifications
Characteristic
Specification
Operating Temperature
-40 – 85 C
Storage Temperature
-40 – 85 C
Ingress Protection
IP69k (IP67 Mated)
Physical Specifications
Characteristic
Specification
Dimensions
65 x 66 x 27 mm
Weight
< 75 g
Interface Connector
Ampseal 16 – 6 Position
Mating Connector
TE Connectivity 776531-1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com