Electronic Components Datasheet Search
  English  ▼

X  

MTLTCABLE Datasheet(PDF) 2 Page - Aceinna Inc.

Part # MTLTCABLE
Description  4 /h IMU and Dynamic Tilt Sensor with CAN Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACEINNA [Aceinna Inc.]
Direct Link  https://www.aceinna.com/
Logo ACEINNA - Aceinna Inc.

MTLTCABLE Datasheet(HTML) 2 Page - Aceinna Inc.

  MTLTCABLE Datasheet HTML 1Page - Aceinna Inc. MTLTCABLE Datasheet HTML 2Page - Aceinna Inc. MTLTCABLE Datasheet HTML 3Page - Aceinna Inc. MTLTCABLE Datasheet HTML 4Page - Aceinna Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
i n f o @ a c e i n n a . c o m
w w w . a c e i n n a . c o m
Document: 6020-3316-02_B
The ACEINNA MTLT305E is designed for use in 12 V and 24 V vehicle
platforms. The sealed packaging meets the challenging performance,
reliability and cost requirements of the construction and agriculture
vehicle markets. Advanced features allow the axes to be re-assigned
by the user to accommodate any mounting orientation. A user
accessible rotation matrix is available to finely adjust for mounting
errors. Widely adopted by the off-road vehicle market, the CAN 2.0 SAE
J1939 Protocol makes for easy and fast integration into new and
existing vehicle platforms.
Features
6DOF IMU and Dynamic Inclination
Precision 3-axis MEMS Accelerometer
Low-Drift 3-axis MEMS angular rate sensor
CAN 2.0 SAE J1939 and RS232 Interfaces
Built Extended Kalman Filter for pitch/roll
-
0.15° Static accuracy
-
0.50° Dynamic accuracy
Wide Temp Range, -40C to +85C
Wide Supply Voltage Range, 9 V – 32 V
Field Upgradable
IP67, IP69K
RoHS and Reach Compliant
CE Marked
1PPS in (CAN Only)
Applications
Agriculture Vehicles and Implements
- Sprayer Boom Attitude, 3D Acceleration and Rate
- Cab Leveling
- Implement Leveling
Construction Vehicles
- Excavator Boom, Arm, Bucket and Cab Attitude
- Wheel and Tracked Loaders Bucket and Chassis Attitude
- Material Handler Boom and Chassis Attitude
Agriculture Vehicles and Implements Attitude
Forklifts
Robotics Control / Feedback
Antenna / Camera Gimballing and Stabilization
This product has been developed exclusively for commercial applications. It has not been tested for, and makes no representation
or warranty as to conformance with, any military specifications or its suitability for any military application or end-use. Additionally,
any use of this product for nuclear, chemical or biological weapons, or weapons research, or for any use in missiles, rockets, and/or
UAV’s of 300km or greater range, or any other activity prohibited by the Export Administration Regulations, is expressly prohibited
without the written consent and without obtaining appropriate US export license(s) when required by US law. Diversion contrary to
U.S. law is prohibited. Specifications are subject to change without notice.
MTLT305E
4/h IMU and Dynamic Tilt Sensor with CAN Output



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com