Electronic Components Datasheet Search
  English  ▼

X  

MTLTCABLE Datasheet(PDF) 4 Page - Aceinna Inc.

Part # MTLTCABLE
Description  4 /h IMU and Dynamic Tilt Sensor with CAN Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACEINNA [Aceinna Inc.]
Direct Link  https://www.aceinna.com/
Logo ACEINNA - Aceinna Inc.

MTLTCABLE Datasheet(HTML) 4 Page - Aceinna Inc.

  MTLTCABLE Datasheet HTML 1Page - Aceinna Inc. MTLTCABLE Datasheet HTML 2Page - Aceinna Inc. MTLTCABLE Datasheet HTML 3Page - Aceinna Inc. MTLTCABLE Datasheet HTML 4Page - Aceinna Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MTLT305E
4/h IMU and Dynamic Tilt Sensor with CAN Output
Tools and Support
NAV-VIEW provides a free, easy to use software evaluation tool,
which includes a graphical user interface to display, record,
playback and analyze MTLT305E sensor data using your PC.
NAV-VIEW can also be used to set and experiment with a wide range
of user configuration parameters, to optimize system performance
for different applications.
NAV-VIEW is available for download at www.aceinna.com/support
(see manuals)
Ordering Information
Part Ordering Information
Rugged High-Performance IMU / Tilt Sensor
MTLT305E
6DOF IMU/VG in Plastic/Over molded
Housing
MTLT Cable
Mating Connector with flying leads
Connector Pin Definition
Pin #
Signal
1
CAN H
2
CAN L
3
Gnd
4
RS-232 RX
5
RS-232 TX
6
Power
Dimensioned Drawing (MTLT305E) mm
EMC Specifications
Characteristic
Standard
Test Level / Frequency
ESD direct contact discharge
ISO 10605
8 kV - Function Class A, Reference Limits IV
ESD air discharge
ISO 10605
15 kV - Function Class A, Reference Limits IV
Radiated Immunity Stripline
ISO 11452-5
200 V/m, 0.5 – 250 MHz
Radiated Immunity ALSE
ISO 11452-2
200 – 1000 MHz
125 V/m
1000 – 2000 MHz
40 V/m
2000 – 2400 MHz
15 V/m
2400 – 2700 MHz
10 V/m
EMC Conducted Transmission
ISO 16750-2; ISO 7637
24V Parameters, Pulse 1, 2a, 2b, 3a, 3b,, 4, 5b
i n f o @ a c e i n n a . c o m
w w w . a c e i n n a . c o m
Document: 6020-3316-02_B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com