Electronic Components Datasheet Search
  English  ▼

X  

MTLTCABLE Datasheet(PDF) 1 Page - Aceinna Inc.

Part # MTLTCABLE
Description  4 /h IMU and Dynamic Tilt Sensor with CAN Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACEINNA [Aceinna Inc.]
Direct Link  https://www.aceinna.com/
Logo ACEINNA - Aceinna Inc.

MTLTCABLE Datasheet(HTML) 1 Page - Aceinna Inc.

  MTLTCABLE Datasheet HTML 1Page - Aceinna Inc. MTLTCABLE Datasheet HTML 2Page - Aceinna Inc. MTLTCABLE Datasheet HTML 3Page - Aceinna Inc. MTLTCABLE Datasheet HTML 4Page - Aceinna Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MTLT305E
4/h IMU and Dynamic Tilt Sensor with CAN Output
MTLT Series products are rugged sealed 6 Degree-of-Freedom (6DOF) Inertial Measurement Units (IMUs) and dynamic tilt
sensors designed for demanding off-road applications. They are packaged in a sealed over molded IP69K housing with
CAN (J1939 protocol) and RS232 interfaces and are qualified for 12 V and 24 V vehicle power systems. They feature
temperature calibrated 3D Accelerometers and 3D Rate Sensors (Gyros) and an Extended Kalman Filter (EKF) fusing the
acceleration and rate data to accurately estimate and report Pitch and Roll. The ACEINNA MTLT305E is an improved
replacement for the popular MTLT305D, which provides a lower cost alternative to the MTLT335D for cost sensitive
applications. The ACEINNA MTLT305E is compatible with ACEINNA’s high-performance triple redundant MTLT335D,
providing customers the ability to develop one SW solution that supports both the high performance and lower cost mid-
level performance 6DOF IMUs. The MTLT305E integrates highly reliable MEMS based accelerometers and gyroscopes, a
32-bit microprocessor, power protection and supporting circuitry for robust operation in many environments. The
MTLT305E uses advanced sensor fusion, Extended Kalman Filtering, and calibration algorithms to achieve 0.5 degree pitch
and roll, and <10 milli-g acceleration accuracy in a wide variety of dynamic conditions.


Similar Part No. - MTLTCABLE

ManufacturerPart #DatasheetDescription
logo
Aceinna Inc.
MTLTCABLE ACEINNA-MTLTCABLE Datasheet
1Mb / 4P
Triple-Redundant 1.3 /h Dynamic Tilt Sensor with CAN Output
More results

Similar Description - MTLTCABLE

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SG-302 KODENSHI-SG-302 Datasheet
194Kb / 2P
Tilt Sensor
logo
Sharp Corporation
GP2TD02 SHARP-GP2TD02 Datasheet
87Kb / 3P
TILT SENSOR
logo
Omron Electronics LLC
D6BN OMRON-D6BN Datasheet
1Mb / 6P
Micro Tilt Sensor
logo
American Electronic Com...
DS-120 AEC-DS-120 Datasheet
161Kb / 2P
tilt sensor / tilt switch
logo
AVAGO TECHNOLOGIES LIMI...
AEAT-9000-1GSH0 AVAGO-AEAT-9000-1GSH0 Datasheet
528Kb / 8P
Electrical alignment output for tilt and locate
AEAT-9000-1GSH1 AVAGO-AEAT-9000-1GSH1 Datasheet
549Kb / 7P
Electrical alignment output for tilt and locate
logo
SignalQuest, Inc.
SQ-SEN-200 SIGNALQUEST-SQ-SEN-200 Datasheet
813Kb / 6P
NANO-POWER TILT AND VIBRATION SENSOR
SQ-SEN-390 SIGNALQUEST-SQ-SEN-390 Datasheet
523Kb / 6P
ON/OFF TILT SENSOR
SQ-MIN-200 SIGNALQUEST-SQ-MIN-200 Datasheet
676Kb / 5P
NANO-POWER TILT AND VIBRATION SENSOR
logo
Analog Devices
ADIS16470 AD-ADIS16470 Datasheet
1Mb / 36P
Wide Dynamic Range, Miniature MEMs IMU
4/2019-Rev. B to Rev. C
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com