Electronic Components Datasheet Search
  English  ▼

X  

PTH12030WAST Datasheet(PDF) 5 Page - Texas Instruments

Part # PTH12030WAST
Description  26-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12030WAST Datasheet(HTML) 5 Page - Texas Instruments

  PTH12030WAST Datasheet HTML 1Page - Texas Instruments PTH12030WAST Datasheet HTML 2Page - Texas Instruments PTH12030WAST Datasheet HTML 3Page - Texas Instruments PTH12030WAST Datasheet HTML 4Page - Texas Instruments PTH12030WAST Datasheet HTML 5Page - Texas Instruments PTH12030WAST Datasheet HTML 6Page - Texas Instruments PTH12030WAST Datasheet HTML 7Page - Texas Instruments PTH12030WAST Datasheet HTML 8Page - Texas Instruments PTH12030WAST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
www.ti.com
DEVICE INFORMATION
PTHXX030
(Top View)
1
3
13 12 11
9
7
6
5
4
2
10
8
PTH12030W/L
SLTS211F – MAY 2003 – REVISED FEBRUARY 2007
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NAME
NO.
This is the common ground connection for the VI and VO power connections. It is also the 0 Vdc
GND
1,3,7,10
reference for the control inputs.
VI
2
The positive input voltage power node to the module, which is referenced to common GND.
The Inhibit pin is an open-collector/drain negative logic input that is referenced to GND. Applying a
low-level ground signal to this input disables the module’s output and turns off the output voltage.
Inhibit(1)
4
When the Inhibit control is active, the input current drawn by the regulator is significantly reduced. If
the Inhibit pin is left open-circuit, the module produces an output whenever a valid input source is
applied.
A 1% resistor must be directly connected between this pin and pin 7 (GND) to set the output voltage to
a value higher than 0.8 V. The temperature stability of the resistor should be 100 ppm/
°C (or better).
The set point range for the output voltage is from 1.2 V to 5.5 V for W-suffix devices, and 0.8 V to 1.8
VO Adjust
5
V for L-suffix devices. The resistor value required for a given output voltage may be calculated using a
formula. If left open circuit, the module output voltage defaults to its lowest value. For further
information on output voltage adjustment, see the related application information section. Table 3 gives
the preferred resistor values for a number of standard output voltages.
The sense input allows the regulation circuit to compensate for voltage drop between the module and
VO Sense
6
the load. For optimal voltage accuracy, VO Sense should be connected to Vout. It can also be left
disconnected.
VO
8,9
The regulated positive power output with respect to the GND node.
This is an analog control input that enables the output voltage to follow an external voltage. This pin
becomes active typically 20 ms after the input voltage has been applied, and allows direct control of
the output voltage from 0 V up to the nominal set-point voltage. Within this range the output will follow
the voltage at the Track pin on a volt-for-volt basis. When the control voltage is raised above this
Track
11
range, the module regulates at its set-point voltage. The feature allows the output voltage to rise
simultaneously with other modules powered from the same input bus. If unused, this input should be
connected to VI. Note: Due to the undervoltage lockout feature, the output of the module cannot follow
its own input voltage during power up. For more information, see the related application information
section.
When this input is asserted to GND, the output voltage is decreased by 5% from the nominal. The
input requires an open-collector (open-drain) interface. It is not TTL compatible. A lower percent
Margin Down(1)
12
change can be accomodated with a series resistor. For further information, see the related application
information section.
When this input is asserted to GND, the output voltage is increased by 5%. The input requires an
Margin Up(1)
13
open-collector (open-drain) interface. It is not TTL compatible. The percent change can be reduced
with a series resistor. For further information, see the related application information section.
(1)
Denotes negative logic:
Open = Normal operation
Ground = Function active
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com