Electronic Components Datasheet Search
  English  ▼

X  

PTH12030WAST Datasheet(PDF) 14 Page - Texas Instruments

Part # PTH12030WAST
Description  26-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12030WAST Datasheet(HTML) 14 Page - Texas Instruments

Back Button PTH12030WAST Datasheet HTML 10Page - Texas Instruments PTH12030WAST Datasheet HTML 11Page - Texas Instruments PTH12030WAST Datasheet HTML 12Page - Texas Instruments PTH12030WAST Datasheet HTML 13Page - Texas Instruments PTH12030WAST Datasheet HTML 14Page - Texas Instruments PTH12030WAST Datasheet HTML 15Page - Texas Instruments PTH12030WAST Datasheet HTML 16Page - Texas Instruments PTH12030WAST Datasheet HTML 17Page - Texas Instruments PTH12030WAST Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
www.ti.com
OUTPUT ON/OFF INHIBIT
PTH12060W
V
I
V
O
V
OSense
1
10
4
5
6
2
3
C
330 F
O
m
C
560 F
I
m
1=Inhibit
GND
9
8
Q1
BSS138
R
2k
0.1W
1%
SET
W
7
GND
L
O
A
D
VO (2 V/div)
Q1VDS (5 V/div)
II (2 V/div)
t − Time − 10 ms/div
REMOTE SENSE
PTH12030W/L
SLTS211F – MAY 2003 – REVISED FEBRUARY 2007
For applications requiring output voltage on/off control, each series of the PTH family incorporates an output
Inhibit control pin. The inhibit feature can be used wherever there is a requirement for the output voltage from
the regulator to be turned off.
The power modules function normally when the Inhibit pin is left open-circuit, providing a regulated output
whenever a valid source voltage is connected to VI with respect to GND.
Figure 12 shows the typical application of the inhibit function. Note the discrete transistor (Q1). The Inhibit input
has its own internal pull-up to a potential of 5 V to 13.2 V (see footnotes to specification table). The input is not
compatible with TTL logic devices. An open-collector (or open-drain) discrete transistor is recommended for
control.
Figure 12. Inhibit Control Circuit
Figure 13. Power-Up from Inhibit Control
Turning Q1 on applies a low voltage to the Inhibit control pin and disables the output of the module. If Q1 is then
turned off, the module executes a soft-start power-up sequence. A regulated output voltage is produced within
25 ms Figure 13 shows the typical rise in both the output voltage and input current, following the turn-off of Q1.
The turn off of Q1 corresponds to the rise in the waveform, Q1 Vds. The waveforms were measured with a 5-A
constant current load.
Products with this feature incorporate an output voltage sense pin, VO Sense. A remote sense improves the load
regulation performance of the module by allowing it to compensate for any IR voltage drop between its output
and the load. An IR drop is caused by the high output current flowing through the small amount of pin and trace
resistance.
To use this feature simply connect the VO Sense pin to the VO node, close to the load circuit (see standard
application circuit). If a sense pin is left open-circuit, an internal low-value resistor (15-
Ω or less) connected
between the pin and and the output node, ensures the output remains in regulation.
With the sense pin connected, the difference between the voltage measured directly between the VO and GND
pins, and that measured from VO Sense to GND, is the amount of IR drop being compensated by the regulator.
This should be limited to a maximum of 0.3 V.
Note: The remote sense feature is not designed to compensate for the forward drop of nonlinear or
frequency dependent components that may be placed in series with the converter output. Examples include
OR-ing diodes, filter inductors, ferrite beads, and fuses. When these components are enclosed by the
remote sense connection, they are effectively placed inside the regulation control loop, which can adversely
affect the stability of the regulator.
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com