Electronic Components Datasheet Search
  English  ▼

X  

PTH12030WAST Datasheet(PDF) 9 Page - Texas Instruments

Part # PTH12030WAST
Description  26-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12030WAST Datasheet(HTML) 9 Page - Texas Instruments

Back Button PTH12030WAST Datasheet HTML 5Page - Texas Instruments PTH12030WAST Datasheet HTML 6Page - Texas Instruments PTH12030WAST Datasheet HTML 7Page - Texas Instruments PTH12030WAST Datasheet HTML 8Page - Texas Instruments PTH12030WAST Datasheet HTML 9Page - Texas Instruments PTH12030WAST Datasheet HTML 10Page - Texas Instruments PTH12030WAST Datasheet HTML 11Page - Texas Instruments PTH12030WAST Datasheet HTML 12Page - Texas Instruments PTH12030WAST Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
www.ti.com
Equation 1. Output Voltage Adjust
R
=10k
x
SET
W
0.8V
-R
k
S
W
V
-V
O
min
(1)
PTH12030W/L
SLTS211F – MAY 2003 – REVISED FEBRUARY 2007
Use Equation 1 to calculate the adjust resistor value. See Table 2 for parameters, R
S and Vmin.
Table 2. Adjust Equation Parameters
PARAMETERS
PTH12030W
PTH12030L
Vmin
1.2 V
0.8 V
Vmax
5.5 V
1.8 V
Rs
1.82 k
Ω
7.87 k
Ω
Table 3. Output Voltage Set-Point Resistor Values
PTH12030W
PTH12030L
VOUT
RSET
VOUT
RSET
VOUT
RSET
1.2
Open
2.7
3.51 k
Ω
0.8
Open
1.225
318 k
Ω
2.75
3.34 k
Ω
0.825
312 k
Ω
1.25
158 k
Ω
2.8
3.18 k
Ω
0.85
152 k
Ω
1.275
105 k
Ω
2.85
3.03 k
Ω
0.875
98.8 k
Ω
1.3
78.2 k
Ω
2.9
2.89 k
Ω
0.9
72.1 k
Ω
1.325
62.2 k
Ω
2.95
2.75 k
Ω
0.925
56.1 k
Ω
1.35
51.5 k
Ω
3
2.62 k
Ω
0.95
45.5 k
Ω
1.375
43.9 k
Ω
3.05
2.50 k
Ω
0.975
37.8 k
Ω
1.4
38.2 k
Ω
3.1
2.39 k
Ω
1
32.1 k
Ω
1.425
33.7 k
Ω
3.15
2.28 k
Ω
1.025
27.7 k
Ω
1.45
30.2 k
Ω
3.2
2.18 k
Ω
1.05
24.1 k
Ω
1.475
27.3 k
Ω
3.25
2.08 k
Ω
1.075
21.2 k
Ω
1.5
24.8 k
Ω
3.3
1.99 k
Ω
1.1
18.8 k
Ω
1.55
21 k
Ω
3.35
1.9 k
Ω
1.125
16.7 k
Ω
1.6
18.2 k
Ω
3.4
1.82 k
Ω
1.15
15 k
Ω
1.65
16 k
Ω
3.5
1.66 k
Ω
1.175
13.5 k
Ω
1.7
14.2 k
Ω
3.6
1.51 k
Ω
1.2
12.1 k
Ω
1.75
12.7 k
Ω
3.7
1.38 k
Ω
1.225
11 k
Ω
1.8
11.5 k
Ω
3.8
1.26 k
Ω
1.25
9.91 k
Ω
1.85
10.5 k
Ω
3.9
1.14 k
Ω
1.275
8.97 k
Ω
1.9
9.61 k
Ω
4
1.04 k
Ω
1.3
8.13 k
Ω
1.95
8.85 k
Ω
4.1
939
Ω
1.325
7.37 k
Ω
2
8.18 k
Ω
4.2
847
Ω
1.35
6.68 k
Ω
2.05
7.59 k
Ω
4.3
761
Ω
1.375
6.04 k
Ω
2.1
7.07 k
Ω
4.4
680
Ω
1.4
5.46 k
Ω
2.15
6.6 k
Ω
4.5
604
Ω
1.425
4.93 k
Ω
2.2
6.18 k
Ω
4.6
533
Ω
1.45
4.44 k
Ω
2.25
5.8 k
Ω
4.7
466
Ω
1.475
3.98 k
Ω
2.3
5.45 k
Ω
4.8
402
Ω
1.5
3.56 k
Ω
2.35
5.14 k
Ω
4.9
342
Ω
1.55
2.8 k
Ω
2.4
4.85 k
Ω
5
285
Ω
1.6
2.13 k
Ω
2.45
4.58 k
Ω
5.1
231
Ω
1.65
1.54 k
Ω
2.5
4.33 k
Ω
5.2
180
Ω
1.7
1.02 k
Ω
2.55
4.11 k
Ω
5.3
131
Ω
1.75
551
Ω
2.6
3.89 k
Ω
5.4
85
Ω
1.8
130
Ω
2.65
3.7 k
Ω
5.5
41
Ω
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com