Electronic Components Datasheet Search
  English  ▼

X  

PTH12030WAST Datasheet(PDF) 8 Page - Texas Instruments

Part # PTH12030WAST
Description  26-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12030WAST Datasheet(HTML) 8 Page - Texas Instruments

Back Button PTH12030WAST Datasheet HTML 4Page - Texas Instruments PTH12030WAST Datasheet HTML 5Page - Texas Instruments PTH12030WAST Datasheet HTML 6Page - Texas Instruments PTH12030WAST Datasheet HTML 7Page - Texas Instruments PTH12030WAST Datasheet HTML 8Page - Texas Instruments PTH12030WAST Datasheet HTML 9Page - Texas Instruments PTH12030WAST Datasheet HTML 10Page - Texas Instruments PTH12030WAST Datasheet HTML 11Page - Texas Instruments PTH12030WAST Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
www.ti.com
APPLICATION INFORMATION
ADJUSTING THE OUTPUT VOLTAGE
C
330 F
(Optional)
O
m
GND
V
O
V Sense
O
R
,1%
SET
PTH12030x
1, 3, 7
13
6
8, 9
12
1 1
5
GND
Adjust
VO
Sense
10
GND
GND
NOTES
PTH12030W/L
SLTS211F – MAY 2003 – REVISED FEBRUARY 2007
The VO Adjust control (pin 5) sets the output voltage of the PTH12030W/L. The adjustment range is 1.2 V to
5.5 V for the W-suffix modules, and 0.8 V to 1.8 V for L-suffix modules. The adjustment method requires the
addition of a single external resistor, RSET, that must be connected directly between the VOAdjust and GND
pins(1). Table 1 gives the standard value of the external resistor for a number of standard voltages, along with
the actual output voltage that this resistance value provides. For other output voltages the required resistor can
either be calculated using Equation 1, or simply selected from the range of values given in Table 3. Figure 9
shows the placement of the required resistor.
Table 1. Standard Values of RSET for Standard Output Voltages
PTH12030W
PTH12030L
VO (Required)
RSET
VO (Actual)
RSET
VO (Actual)
5 V
280
Ω
5.009 V
N/A
N/A
3.3 V
2 k
Ω
3.294 V
N/A
N/A
2.5 V
4.32 k
Ω
2.503 V
N/A
N/A
2 V
8.06 k
Ω
2.01 V
N/A
N/A
1.8 V
11.5 k
Ω
1.081 V
130
Ω
1.8 V
1.5 V
24.3 k
Ω
1.506 V
3.57 k
Ω
1.499 V
1.2 V
Open
1.2 V
12.1 k
Ω
1.201 V
1.1 V
N/A
N/A
18.7 k
Ω
1.101 V
1 V
N/A
N/A
32.4 k
Ω
0.999 V
0.9 V
N/A
N/A
71.5 k
Ω
0.901 V
0.8 V
N/A
N/A
Open
0.8 V
Figure 9. Vo Adjust Resistor Placement
1. RSET: Use a 0.05 W resistor with a tolerance of 1% and temperature stability of 100 ppm/°C (or better).
Connect the resistor directly between pins 5 and 7, as close to the regulator as possible, using dedicated
PCB traces.
2. Never connect capacitors from VO Adjust to either GND or VO. Any capacitance added to the VO Adjust
pin affects the stability of the regulator.
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com