Electronic Components Datasheet Search
  English  ▼

X  

CP2200 Datasheet(PDF) 91 Page - Silicon Laboratories

Part # CP2200
Description  SINGLE-CHIP ETHERNET CONTROLLER
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2200 Datasheet(HTML) 91 Page - Silicon Laboratories

Back Button CP2200 Datasheet HTML 87Page - Silicon Laboratories CP2200 Datasheet HTML 88Page - Silicon Laboratories CP2200 Datasheet HTML 89Page - Silicon Laboratories CP2200 Datasheet HTML 90Page - Silicon Laboratories CP2200 Datasheet HTML 91Page - Silicon Laboratories CP2200 Datasheet HTML 92Page - Silicon Laboratories CP2200 Datasheet HTML 93Page - Silicon Laboratories CP2200 Datasheet HTML 94Page - Silicon Laboratories CP2200 Datasheet HTML 95Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 108 page
background image
CP2200/1
Rev. 1.0
91
Register 70. PHYCN: Physical Layer Control Register
Important Note: When using auto-negotiation, the auto-negotiation enable bit, AUTONEG (PHYCF.4), must
be set to “1” prior to
setting PHYEN, TXEN, and RXEN to 1. To restart auto-negotiation,
clear one of the three enable bits (PHYEN, TXEN, and RXEN) to “0” then set it back to “1”.
Bit 7:
PHYEN: Physical Layer Enable
0: The physical layer is placed in a low-power state with limited functionality.
1: The physical layer is placed in a normal power state and is fully functional.
Bit 6:
TXEN: Transmitter Enable
0: Physical Layer’s transmitter is placed in a low-power state. Packet transmission and Link Pulse
Generation Functions are disabled.
1. Physical layer’s transmitter is enabled.
Bit 5:
RXEN: Receiver Enable
0: Physical layer’s receiver is placed in a low-power state. Packet reception is disabled.
1: Physical layer’s receiver is enabled.
Bit 4:
DPLXMD: Full-duplex Mode Enable Bit
Note: This bit is read-only when Auto-Negotiation is enabled.
0: Half-duplex mode is selected.
1: Full-duplex mode is selected.
Bit 3:
LBMD: Loopback Mode Enable Bit
Note: Loopback mode is automatically disabled if a jabber condition is detected.
0: Loopback mode is disabled.
1: Loopback mode is enabled.
Bit 2:
LPRFAULT: Link Partner Remote Fault (Local Fault) Indicator
0: Normal operation.
1: The link partner has detected a link fault and has sent notification during auto-negotiation. This
condition can occur if the local transmitter is disabled and link pulses are no longer generated.
Bit 1:
POLREV: Polarity Reversed Indicator
0: Incorrect link polarity has not been detected.
1: Incorrect link polarity detected. Link polarity has been automatically reversed.
Bit 0:
LINKSTA: Link Status Indicator
0: Link is bad.
1: Link is good.
R/W
R/W
R/W
R/W or RO
R/W
R
R
R
Reset Value
PHYEN
TXEN
RXEN
DPLXMD
LBMD
LPRFAULT POLREV
LINKSTA 00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Address:
0x78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com