Electronic Components Datasheet Search
  English  ▼

X  

CP2200 Datasheet(PDF) 45 Page - Silicon Laboratories

Part # CP2200
Description  SINGLE-CHIP ETHERNET CONTROLLER
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2200 Datasheet(HTML) 45 Page - Silicon Laboratories

Back Button CP2200 Datasheet HTML 41Page - Silicon Laboratories CP2200 Datasheet HTML 42Page - Silicon Laboratories CP2200 Datasheet HTML 43Page - Silicon Laboratories CP2200 Datasheet HTML 44Page - Silicon Laboratories CP2200 Datasheet HTML 45Page - Silicon Laboratories CP2200 Datasheet HTML 46Page - Silicon Laboratories CP2200 Datasheet HTML 47Page - Silicon Laboratories CP2200 Datasheet HTML 48Page - Silicon Laboratories CP2200 Datasheet HTML 49Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 108 page
background image
CP2200/1
Rev. 1.0
45
10.5. Disabling Secondary Device Functions
The LED Drivers, weak pull-ups, and VDD Monitor can be disabled to minimize power consumption. The typical
supply current for the VDD Monitor is specified in Table 13 on page 42. Disabling weak pull-ups will save current if
the MOTEN and MUXEN pins are tied to ground, but will cause the address and data pins to float (causing
undefined device behavior and increased power consumption) if they are not externally driven or pulled to a
defined logic level using pull-up or pull-down resistors. The internal weak pull-ups should not be disabled unless all
digital pins are externally driven to a logic high or logic low state.
Register 15. IOPWR: Port Input/Output Power Register
Bits 7–4: UNUSED. Read = 0000b, Write = don’t care.
Bit 3
ACTEN: Activity LED Enable
0: Activity LED disabled.
1: Activity LED enabled.
Bit 2
LINKEN: Link LED Enable (Link/Activity LED on CP2201)
0: Link (Link/Activity) LED disabled.
1: Link (Link/Activity) LED enabled.
Bit 1:
WEAKD: Weak Pull-up Disable
0: Weak pull-ups are enabled.
1: Weak pull-ups are disabled.
Bit 0:
Reserved. Read = 0b; Must write 0b.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
—
—
—
—
ACTEN
LINKEN
WEAKD Reserved 00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Address:
0x70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com