Electronic Components Datasheet Search
  English  ▼

X  

CP2200 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # CP2200
Description  SINGLE-CHIP ETHERNET CONTROLLER
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2200 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button CP2200 Datasheet HTML 7Page - Silicon Laboratories CP2200 Datasheet HTML 8Page - Silicon Laboratories CP2200 Datasheet HTML 9Page - Silicon Laboratories CP2200 Datasheet HTML 10Page - Silicon Laboratories CP2200 Datasheet HTML 11Page - Silicon Laboratories CP2200 Datasheet HTML 12Page - Silicon Laboratories CP2200 Datasheet HTML 13Page - Silicon Laboratories CP2200 Datasheet HTML 14Page - Silicon Laboratories CP2200 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 108 page
background image
CP2200/1
Rev. 1.0
11
CS
41
24
D In
Device Chip Select.
RD/(DS)
39
22
D In
Read Strobe (Intel Mode) or
Data Strobe (Motorola Mode)
WR/(R/W)
40
23
D In
Write Strobe (Intel Mode) or
Read/Write Strobe (Motorola Mode)
D0/AD0
16
11
D I/O
Bit 0, Non-Multiplexed Data Bus or Multiplexed Address/Data Bus
D1/AD1
17
12
D I/O
Bit 1, Non-Multiplexed Data Bus or Multiplexed Address/Data Bus
D2/AD2
18
13
D I/O
Bit 2, Non-Multiplexed Data Bus or Multiplexed Address/Data Bus
D3/AD3
19
14
D I/O
Bit 3, Non-Multiplexed Data Bus or Multiplexed Address/Data Bus
D4/AD4
20
15
D I/O
Bit 4, Non-Multiplexed Data Bus or Multiplexed Address/Data Bus
D5/AD5
21
16
D I/O
Bit 5, Non-Multiplexed Data Bus or Multiplexed Address/Data Bus
D6/AD6
22
17
D I/O
Bit 6, Non-Multiplexed Data Bus or Multiplexed Address/Data Bus
D7/AD7
23
18
D I/O
Bit 7, Non-Multiplexed Data Bus or Multiplexed Address/Data Bus
A0
27*
—
D In
Bit 0, Non-Multiplexed Address Bus
A1
28*
—
D In
Bit 1, Non-Multiplexed Address Bus
A2
29*
—
D In
Bit 2, Non-Multiplexed Address Bus
A3/ALE/(AS)
32
—
D In
Bit 3, Non-Multiplexed Address Bus
ALE Strobe (Multiplexed Intel Mode)
Address Strobe (Multiplexed Motorola Mode)
ALE/(AS)
—
21
D In
ALE Strobe (Intel Mode)
Address Strobe (Motorola Mode)
A4
33*
—
D In
Bit 4, Parallel Interface Non-Multiplexed Address Bus
A5
34*
—
D In
Bit 5, Parallel Interface Non-Multiplexed Address Bus
A6
37*
—
D In
Bit 6, Parallel Interface Non-Multiplexed Address Bus
A7
38*
—
D In
Bit 7, Parallel Interface Non-Multiplexed Address Bus
NC
1, 8,
11,12
24–26
35,36
47, 48
—
These pins should be left unconnected or tied to VDD.
Table 4. CP2200/1 Pin Definitions (Continued)
Name
Pin Numbers
Type
Description
48-pin
28-pin
*Note: Pins can be left unconnected when not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com