Electronic Components Datasheet Search
  English  ▼

X  

CP2200 Datasheet(PDF) 44 Page - Silicon Laboratories

Part # CP2200
Description  SINGLE-CHIP ETHERNET CONTROLLER
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2200 Datasheet(HTML) 44 Page - Silicon Laboratories

Back Button CP2200 Datasheet HTML 40Page - Silicon Laboratories CP2200 Datasheet HTML 41Page - Silicon Laboratories CP2200 Datasheet HTML 42Page - Silicon Laboratories CP2200 Datasheet HTML 43Page - Silicon Laboratories CP2200 Datasheet HTML 44Page - Silicon Laboratories CP2200 Datasheet HTML 45Page - Silicon Laboratories CP2200 Datasheet HTML 46Page - Silicon Laboratories CP2200 Datasheet HTML 47Page - Silicon Laboratories CP2200 Datasheet HTML 48Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 108 page
background image
CP2200/1
44
Rev. 1.0
10.1. Normal Mode
Normal Mode should is used whenever the host is sending or receiving packets. In this mode, the CP2200/01 is
fully functional. Typical Normal Mode power consumption is listed in Table 2 on page 9.
Note: When in normal mode, the transmitter has a power saving mode which is enabled on reset. This power saving mode dis-
ables the transmitter's output driver and placed the TX+/- pins in high impedance when the CP220x is not transmitting
link pulses or data. To meet the minimum transmitter loss requirements in IEEE 802.3, this power saving mode should be
disabled. See Register 17, “TXPWR: Transmitter Power Register,” on page 46 for details.
10.2. Link Detection Mode
In Link Detection Mode, the transmitter and link pulse generation logic is disabled. The CP2200/1 will appear to be
“offline” because link pulses will not be generated. The most common way to use Link Detection Mode is enabling
the Wake-on-LAN interrupt, placing the CP2200/01 into Link Detection Mode, then placing the MCU in a low power
mode until the system is plugged into a network.
Note: When using link detection mode, the user should ensure that the link partner is always transmitting link pulses. An exam-
ple of this type of device would be a hub or a switch. Some notebook PCs implement a power saving feature in which
they stop transmitting link pulses if a valid link is not detected. This would create a situation where both link partners are
waiting for each other to start transmitting link pulses.
Note: A minimum transmitter return loss is specified in IEEE 802.3. If the transmitter is disabled, the TX± pins are placed in
high impedance mode and do not create the minimum return loss. The transmitter should not be disabled if the device is
considered "on a network" and valid link pulses are being received.
From Normal Mode, the device can be placed in Link Detection Mode by clearing TXEN (PHYCN.6) to “0”. To
return the device to Normal Mode, disable the physical layer by clearing PHYCN to 0x00, then re-enable the
physical layer using the startup procedure in Section 15.7 on page 90.
10.3. Memory Mode
In Memory Mode, the physical layer (receiver and transmitter) is placed in a low-power state, and the CP2200/1
can neither send nor receive packets. The only primary functions of the device that remain functional are the Flash
memory and RAM buffers. The RAM buffers are only accessible using the Random Access method described in
Section 7.1 on page 23.
The device can be placed in Memory Mode by clearing the three most significant bits of the PHYCN register to
‘000’. The device can be returned to normal mode by setting the three most significant bits of the PHYCN register
to ‘111’ and waiting the appropriate physical layer turn-on times for both the transmitter and the receiver. The
physical layer electrical characteristics including turn-on time are specified in Table 22 on page 93. To return the
device to Normal Mode, disable the physical layer by clearing PHYCN to 0x00, then re-enable the physical layer
using the startup procedure in Section 15.7 on page 90.
10.4. Shutdown Mode
Shutdown Mode is the lowest power mode for the CP2200/1. All primary and secondary functions are disabled,
and the system clock is disconnected from the oscillator. The device can recover from Shutdown Mode only
through a power-on or pin reset.
The device can be placed in Shutdown Mode using the following procedure:
Step 1: Disable the PHY by clearing the three most significant bits of PHYCN to ‘000’.
Step 2: Disable the LED drivers by clearing bits 2 and 3 of IOPWR to ‘00’.
Step 3: Disable the VDD Monitor (optional) by clearing VDMEN (VDMCN.7) to ‘0’.
Step 4: Disconnect the oscillator output from the rest of the device by clearing OSCOE (OSCPWR.0) to ‘0’.
This step should be performed last because the device will no longer respond until the next pin or
power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com