Electronic Components Datasheet Search
  English  ▼

X  

SI5367 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SI5367
Description  關P-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5367 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI5367 Datasheet HTML 7Page - Silicon Laboratories SI5367 Datasheet HTML 8Page - Silicon Laboratories SI5367 Datasheet HTML 9Page - Silicon Laboratories SI5367 Datasheet HTML 10Page - Silicon Laboratories SI5367 Datasheet HTML 11Page - Silicon Laboratories SI5367 Datasheet HTML 12Page - Silicon Laboratories SI5367 Datasheet HTML 13Page - Silicon Laboratories SI5367 Datasheet HTML 14Page - Silicon Laboratories SI5367 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Si5367
Preliminary Rev. 0.3
11
71
SDI
I
LVCMOS
Serial Data In.
In SPI microprocessor control mode (CMODE = 1), this
pin functions as the serial data input.
In I2C microprocessor control mode (CMODE = 0), this
pin is ignored.
This pin has a weak pull-down.
77
78
CKOUT3+
CKOUT3–
OMULTI
Clock Output 3.
Differential clock output. Output signal format is selected
by SFOUT3_REG register bits. Output is differential for
LVPECL, LVDS, and CML compatible modes. For CMOS
format, both output pins drive identical single-ended
clock outputs.
82
83
CKOUT1–
CKOUT1+
OMULTI
Clock Output 1.
Differential clock output. Output signal format is selected
by SFOUT1_REG register bits. Output is differential for
LVPECL, LVDS, and CML compatible modes. For CMOS
format, both output pins drive identical single-ended
clock outputs.
87
88
CKOUT5–
CKOUT5+
OMULTI
Clock Output 5.
Differential clock output. Output signal format is selected
by SFOUT5_REG register bits. Output is differential for
LVPECL, LVDS, and CML compatible modes. For CMOS
format, both output pins drive identical single-ended
clock outputs.
90
CMODE
I
3-Level
Control Mode.
Selects I2C or SPI control mode for the device.
0=I2C Control Mode.
1 = SPI Control Mode.
92
93
CKOUT2+
CKOUT2–
OMULTI
Clock Output 2.
Differential clock output. Output signal format is selected
by SFOUT2_REG register bits. Output is differential for
LVPECL, LVDS, and CML compatible modes. For CMOS
format, both output pins drive identical single-ended
clock outputs.
97
98
CKOUT4–
CKOUT4+
OMULTI
Clock Output 4.
Differential clock output. Output signal format is selected
by SFOUT4_REG register bits. Output is differential for
LVPECL, LVDS, and CML compatible modes. For CMOS
format, both output pins drive identical single-ended
clock outputs.
GND PAD
GND PAD
GND
Supply
Ground Pad.
The ground pad must provide a low thermal and electri-
cal impedance to a ground plane.
Table 3. Si5367 Pin Descriptions (Continued)
Pin #
Pin Name
I/O
Signal Level
Description
Note: Internal register names are indicated by underlined italics, e.g. INT_PIN. See Si5368 Register Map.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com