Electronic Components Datasheet Search
  English  ▼

X  

SI5367 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SI5367
Description  關P-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5367 Datasheet(HTML) 2 Page - Silicon Laboratories

  SI5367 Datasheet HTML 1Page - Silicon Laboratories SI5367 Datasheet HTML 2Page - Silicon Laboratories SI5367 Datasheet HTML 3Page - Silicon Laboratories SI5367 Datasheet HTML 4Page - Silicon Laboratories SI5367 Datasheet HTML 5Page - Silicon Laboratories SI5367 Datasheet HTML 6Page - Silicon Laboratories SI5367 Datasheet HTML 7Page - Silicon Laboratories SI5367 Datasheet HTML 8Page - Silicon Laboratories SI5367 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Si5367
2
Preliminary Rev. 0.3
Table 1. Performance Specifications
(VDD = 1.8 or 2.5 V ±10%, TA = –40 to 85 ºC)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Temperature Range
TA
–40
25
85
ºC
Supply Voltage
VDD
2.25
2.5
2.75
V
1.62
1.8
1.98
V
Supply Current
IDD
fOUT = 622.08 MHz
All CKOUTs enabled
LVPECL format output
—394
435
mA
Only CKOUT1 enabled
—
253
284
mA
fOUT = 19.44 MHz
All CKOUTs enabled
CMOS format output
—278
321
mA
Only CKOUT1 enabled
—
229
261
mA
Tristate/Sleep Mode
—
TBD
TBD
mA
Input Clock Frequency
(CKIN1, CKIN2, CKIN3,
CKIN4)
CKF
Input frequency and clock
multiplication ratio determined
by programming device PLL
dividers. Consult Silicon Labo-
ratories configuration software
DSPLLsim or Any-Rate Preci-
sion Clock Family Reference
Manual at www.silabs.com/tim-
ing to determine PLL divider
settings for a given input fre-
quency/clock multiplication
ratio combination.
10
—
707.35
MHz
Output Clock Frequency
(CKOUT1, CKOUT2,
CKOUT3, CKOUT4,
CKOUT5)
CKOF
10
970
1213
—
—
—
945
1134
1417
MHz
Input Clocks (CKIN1, CKIN2, CKIN3, CKIN4)
Differential Voltage Swing CKNDPP
0.25
—
1.9
VPP
Common Mode Voltage
CKNVCM
1.8 V ±10%
0.9
—
1.4
V
2.5 V ±10%
1.0
—
1.7
V
Rise/Fall Time
CKNTRF
20–80%
—
—
11
ns
Duty Cycle
CKNDC
Whichever is less
40
—
60
%
50
—
ns
Output Clocks (CKOUT1, CKOUT2, CKOUT3, CKOUT4, CKOUT5)
Common Mode
VOCM
LVPECL
100
Ω load
line-to-line
VDD –
1.42
—VDD –
1.25
V
Differential Output Swing
VOD
1.1
—
1.9
V
Single Ended Output
Swing
VSE
0.5
—
0.93
V
Note: For a more comprehensive listing of device specifications, please consult the Silicon Laboratories Any-Rate Precision
Clock Family Reference Manual. This document can be downloaded from www.silabs.com/timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com