Electronic Components Datasheet Search
  English  ▼

X  

SI5367 Datasheet(PDF) 3 Page - Silicon Laboratories

Part # SI5367
Description  關P-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5367 Datasheet(HTML) 3 Page - Silicon Laboratories

  SI5367 Datasheet HTML 1Page - Silicon Laboratories SI5367 Datasheet HTML 2Page - Silicon Laboratories SI5367 Datasheet HTML 3Page - Silicon Laboratories SI5367 Datasheet HTML 4Page - Silicon Laboratories SI5367 Datasheet HTML 5Page - Silicon Laboratories SI5367 Datasheet HTML 6Page - Silicon Laboratories SI5367 Datasheet HTML 7Page - Silicon Laboratories SI5367 Datasheet HTML 8Page - Silicon Laboratories SI5367 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Si5367
Preliminary Rev. 0.3
3
Rise/Fall Time
CKOTRF
20–80%
230
350
ps
Duty Cycle
CKODC
45
—
55
%
PLL Performance
Jitter Generation
JGEN
fOUT = 622.08 MHz,
LVPECL output format
50 kHz–80 MHz
—
0.6
TBD
ps rms
12 kHz–20 MHz
—
0.6
TBD
ps rms
800 Hz–80 MHz
—
TBD
TBD
ps rms
Jitter Transfer
JPK
—0.05
0.1
dB
Phase Noise
CKOPN
fOUT = 622.08 MHz
100 Hz offset
—
TBD
TBD
dBc/Hz
1 kHz offset
—
TBD
TBD
dBc/Hz
10 kHz offset
—
TBD
TBD
dBc/Hz
100 kHz offset
—
TBD
TBD
dBc/Hz
1 MHz offset
—
TBD
TBD
dBc/Hz
Subharmonic Noise
SPSUBH Phase Noise @ 100 kHz Offset
—
TBD
TBD
dBc
Spurious Noise
SPSPUR
Max spur @ n x F3
(n > 1, n x F3 < 100 MHz)
—
TBD
TBD
dBc
Package
Thermal Resistance
Junction to Ambient
θJA
Still Air
—
40
—
ºC/W
Table 2. Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
DC Supply Voltage
VDD
–0.5 to 2.75
V
LVCMOS Input Voltage
VDIG
–0.3 to (VDD + 0.3)
V
Operating Junction Temperature
TJCT
–55 to 150
ºC
Storage Temperature Range
TSTG
–55 to 150
ºC
ESD HBM Tolerance (100 pF, 1.5 k
Ω)2
kV
ESD MM Tolerance
200
V
Latch-Up Tolerance
JESD78 Compliant
Note: Permanent device damage may occur if the Absolute Maximum Ratings are exceeded. Functional operation should be
restricted to the conditions as specified in the operation sections of this data sheet. Exposure to absolute maximum
rating conditions for extended periods of time may affect device reliability.
Table 1. Performance Specifications (Continued)
(VDD = 1.8 or 2.5 V ±10%, TA = –40 to 85 ºC)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Note: For a more comprehensive listing of device specifications, please consult the Silicon Laboratories Any-Rate Precision
Clock Family Reference Manual. This document can be downloaded from www.silabs.com/timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com