Electronic Components Datasheet Search
  English  ▼

X  

LT8610AC Datasheet(PDF) 4 Page - Analog Devices

Part # LT8610AC
Description  42V, 3.5A Synchronous Step-down Regulator with 2.5μA Quiescent Current
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8610AC Datasheet(HTML) 4 Page - Analog Devices

  LT8610AC Datasheet HTML 1Page - Analog Devices LT8610AC Datasheet HTML 2Page - Analog Devices LT8610AC Datasheet HTML 3Page - Analog Devices LT8610AC Datasheet HTML 4Page - Analog Devices LT8610AC Datasheet HTML 5Page - Analog Devices LT8610AC Datasheet HTML 6Page - Analog Devices LT8610AC Datasheet HTML 7Page - Analog Devices LT8610AC Datasheet HTML 8Page - Analog Devices LT8610AC Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Data Sheet
LT8615
analog.com
Rev 0
4 of 31
SPECIFICATIONS
Table 1. Electrical Characteristics
(TJ = -40°C to +150°C, unless otherwise noted. Typical values are at TA. = 25°C. All voltages are referenced to GND,
unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
VIN
2.5
3.0
V
VIN Quiescent Current in
Shutdown
IQ(SHDN)
VEN/UV = 0V, VSYNC = 0V, TA = +25°C
1
4
μA
VIN Quiescent Current in
Sleep
IQ
VEN/UV = 2V, Not Switching, VSYNC = 0V,
TA = +25°C
1.7
5.0
μA
VEN/UV = 2V, Not Switching, VSYNC = 0V
1.7
12.0
VIN Current in Regulation
IIN
VIN = 6V, VOUT = 2.7V, Output Load =
1mA, Burst Mode
540
700
μA
Feedback Reference
Voltage
VFB
VIN = 6V, ILOAD = 200mA, TA = +25°C
0.783 0.787 0.791
V
VIN = 6V, ILOAD = 200mA
0.771 0.787 0.801
Feedback Voltage Line
Regulation
ΔVFB(LINE)
VIN = 4V to 40V
0.005 0.020
%/V
Feedback Pin Input
Current
IFB
VFB = 1V
20
20
nA
Minimum On-Time
tON(MIN)
ILOAD = 1.6A, SYNC = 0V
40
75
ns
ILOAD = 1.6A, SYNC = 1.9V
40
60
Minimum Off-Time
tOFF(MIN)
75
100
ns
Oscillator Frequency
fsw
RT = 221kΩ, ILOAD = 0.5A
170
200
230
kHz
RT = 60.4kΩ, ILOAD = 0.5A
640
700
760
RT = 18.2kΩ, ILOAD = 0.5A
1925
2000
2075
Top Power NMOS On-
Resistance
RTOP
ISW= 1A
80
mΩ
Top Power NMOS
Current Limit
IPEAK-LIMIT
6.0
7.3
8.5
A
Bottom Power NMOS
On-Resistance
RBOT
80
mΩ
SW Leakage Current
ISW-LKG
VIN = 42V, VSW = 0V, 42V
-15
15
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com