Electronic Components Datasheet Search
  English  ▼

X  

LT8610AC Datasheet(PDF) 1 Page - Analog Devices

Part # LT8610AC
Description  42V, 3.5A Synchronous Step-down Regulator with 2.5μA Quiescent Current
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8610AC Datasheet(HTML) 1 Page - Analog Devices

  LT8610AC Datasheet HTML 1Page - Analog Devices LT8610AC Datasheet HTML 2Page - Analog Devices LT8610AC Datasheet HTML 3Page - Analog Devices LT8610AC Datasheet HTML 4Page - Analog Devices LT8610AC Datasheet HTML 5Page - Analog Devices LT8610AC Datasheet HTML 6Page - Analog Devices LT8610AC Datasheet HTML 7Page - Analog Devices LT8610AC Datasheet HTML 8Page - Analog Devices LT8610AC Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Data Sheet
LT8615
42V, 3.5A Synchronous Step-down Regulator with 2.5µA Quiescent Current
Rev 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
One Analog Wa y, Wilmington, MA 01887 -2356, U.S.A.
Tel: 781.329.47 00
©2024 Analog Devices, Inc. Al l rights rese rve d.
FEATURES
Wide Input Voltage Range: 3V to 42V
Wide Output Voltage Range: 0.787V to (VIN – 0.4V)
Ultralow Quiescent Current Burst Mode®
Operation:
<2.5μA IQ Regulating 12VIN to 3.3VOUT
Output Ripple <10mVP-P
Silent Switcher® Powertrain for Ultralow EMI
Emissions
High Efficiency 2MHz Synchronous Operation:
Up to 93% Efficiency at 2MHz, 12VIN to 5VOUT
Fast Minimum Switch-On Time: 40ns
Very Low Dropout: 125mV at 1A
Adjustable and Synchronizable: 400kHz to 2.5MHz
Optional Spread-Spectrum Frequency Modulation
Fixed Frequency Peak Current-Mode Operation
Accurate 1V Enable Pin Threshold
Output Soft-Start and Tracking
Small 3mm × 3mm Side Wettable QFN Package
Clearance Between HighVoltageandLowVoltagePins
Excellent Solder Joint Reliability
AEC-Q100 Qualified for Automotive Applications
Temperature Grade 0: −40°C to +150°C, TA
GENERAL DESCRIPTION
The LT®8615 is a compact, high efficiency, high speed
synchronous monolithic step-down switching regulator
that can deliver 3.5A of continuous current. The
LT8615’s ultralow 2.5µA quiescent current in Burst Mode
operation (with the output in full regulation) enables
high efficiency down to very low load currents while
keeping the output ripple below 10mVP-P.
A SYNC pin allows synchronization to an external clock
or spread-spectrum modulation for low EMI operation.
Internal compensation with peak current-mode
topology allows the use of small inductors and results in
fast transient response and good loop stability. The
EN/UV pin has an accurate 1V threshold and can be used
to program VIN UVLO or to shut down the part. A
capacitor on the TR/SS pin programs the output voltage
ramp rate during start-up. An open-drain PG pin flag
signals when the output is within ±8% as well as fault
conditions.
All registered trademarks and trademarks are the property of
their respective owners.
APPLICATIONS
Automotive and Industrial Supplies
Low EMI Step-Down
TYPICAL APPLICATION
Figure 1. 5V, 3.5A Step-Down Converter
Figure 2. 12VIN to 5VOUT Efficiency
0.1µF
10pF
1µF
1.5µH
18.2kΩ
100kΩ
10nF
VIN
EN/UV
SYNC
LT8615
INTVCC
TR/SS
RT
GND
PG
SW
BST
VIN
5.4V
TO 42V
PG
fSW = 2MHz
L1 = COILCRAFT XGL4030-152ME
4.7µF
VOUT
5V, 3.5A
2× 47µF
1210
FB
187kΩ
1MΩ
L = 2.2µH
fSW = 2MHz
IOUT (A)
0
0.5
1.0
1.5
2.0
2.5
3.0
50
55
60
65
70
75
80
85
90
95
100


Similar Part No. - LT8610AC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8610AC LINER-LT8610AC Datasheet
544Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LT8610AC LINER-LT8610AC Datasheet
1Mb / 38P
42V, Low IQ, Quad Output Triple Monolithic Buck Converter and Boost Controller
LT8610AC LINER-LT8610AC Datasheet
1Mb / 26P
60V, 1.2A Synchronous Monolithic Buck Regulator with 6關A Quiescent Current
logo
Analog Devices
LT8610AC AD-LT8610AC Datasheet
2Mb / 20P
High Efficiency 42V/120mA Synchronous Buck
LT8610AC AD-LT8610AC Datasheet
2Mb / 32P
42V, 5A/7A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
12/20-REV.C
More results

Similar Description - LT8610AC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3624 LINER-LTC3624_15 Datasheet
369Kb / 20P
17V, 2A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3624-2 LINER-LTC3624-2_15 Datasheet
369Kb / 20P
17V, 2A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LT8610A LINER-LT8610A_15 Datasheet
378Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AB LINER-LT8610AB_15 Datasheet
378Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AC LINER-LT8610AC_15 Datasheet
544Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AC-1 LINER-LT8610AC-1_15 Datasheet
544Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AB LINER-LT8610AB Datasheet
210Kb / 6P
42V, 3.5A Micropower Synchronous Step-Down Regulator
LT8610AC LINER-LT8610AC Datasheet
544Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
logo
Analog Devices
LT8641A AD-LT8641A Datasheet
860Kb / 35P
65V, 3.5A/5A Peak Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev 0
LT8609S AD-LT8609S Datasheet
1Mb / 24P
42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5μA Quiescent Current
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com