Electronic Components Datasheet Search
  English  ▼

X  

LT8610AC Datasheet(PDF) 8 Page - Analog Devices

Part # LT8610AC
Description  42V, 3.5A Synchronous Step-down Regulator with 2.5μA Quiescent Current
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8610AC Datasheet(HTML) 8 Page - Analog Devices

Back Button LT8610AC Datasheet HTML 4Page - Analog Devices LT8610AC Datasheet HTML 5Page - Analog Devices LT8610AC Datasheet HTML 6Page - Analog Devices LT8610AC Datasheet HTML 7Page - Analog Devices LT8610AC Datasheet HTML 8Page - Analog Devices LT8610AC Datasheet HTML 9Page - Analog Devices LT8610AC Datasheet HTML 10Page - Analog Devices LT8610AC Datasheet HTML 11Page - Analog Devices LT8610AC Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Data Sheet
LT8615
analog.com
Rev 0
8 of 31
10 to 11,
Exposed
Pad Pin
18
GND
Ground. Place the negative terminal of the input capacitor as close to the GND pins as
possible. The exposed pad should be soldered to the PCB for good thermal
performance.
12
TR/SS
Output Tracking and Soft-Start Pin. This pin allows user control of output voltage
ramp rate during start-up. A TR/SS voltage below 0.787V forces the LT8615 to regulate
the FB pin to equal the TR/SS pin voltage. When TR/SS is above 0.787V, the tracking
function is disabled and the internal reference resumes control of the error amplifier.
An internal 2μA pull-up current from INTVCC on this pin allows a capacitor to program
output voltage slew rate. This pin is pulled to ground with a 300Ω MOSFET during
shutdown and fault conditions; use a series resistor if driving from a low impedance
output.
13
PG
The PG pin is the open-drain output of an internal comparator. PG remains low until
the FB pin is within ±8% of the final regulation voltage, and there are no fault
conditions. PG is valid when VIN is above 3V, regardless of EN/UV pin state.
14
FB
The LT8615 regulates the FB pin to 0.787V. Connect the feedback resistor divider tap to
this pin. Also, connect a phase lead capacitor between FB and VOUT. Typically, this
capacitor is 4.7pF to 22pF.
15
SYNC
External Clock Synchronization Input. Ground this pin for low ripple Burst Mode
operation at low output loads. Tie to a clock source for synchronization to an external
frequency. Leave floating for pulse-skipping mode with no spread-spectrum
modulation. Tie to INTVCC or tie to a voltage between 3.2V and 5.0V for pulse-skipping
mode with spread-spectrum modulation. When in pulse-skipping mode, the IQ
increases to several mA.
16
RT
A resistor is tied between RT and ground to set the switching frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com