Electronic Components Datasheet Search
  English  ▼

X  

LT8610AC Datasheet(PDF) 7 Page - Analog Devices

Part # LT8610AC
Description  42V, 3.5A Synchronous Step-down Regulator with 2.5μA Quiescent Current
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8610AC Datasheet(HTML) 7 Page - Analog Devices

Back Button LT8610AC Datasheet HTML 3Page - Analog Devices LT8610AC Datasheet HTML 4Page - Analog Devices LT8610AC Datasheet HTML 5Page - Analog Devices LT8610AC Datasheet HTML 6Page - Analog Devices LT8610AC Datasheet HTML 7Page - Analog Devices LT8610AC Datasheet HTML 8Page - Analog Devices LT8610AC Datasheet HTML 9Page - Analog Devices LT8610AC Datasheet HTML 10Page - Analog Devices LT8610AC Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
Data Sheet
LT8615
analog.com
Rev 0
7 of 31
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 3. Pin Configuration
16-LEAD (3mm × 3mm) PLASTIC QFN
DEMO BOARD: θJA = 32°C/W, ΨJT = 1.2°C/W (3)
JEDEC BOARD: θJCTOP = 51.8°C/W, θJCBOTTOM = 7.7°C/W
Table 3. Pin Descriptions
PIN
NAME
DESCRIPTION
1
INTVCC
Internal 3.5V Regulator Bypass Pin. The internal power drivers and control circuits are
powered from this voltage. INTVCC max. output current is 20mA. Voltage on INTVCC
varies between 2.8V and 3.5V. Decouple this pin to power ground with at least a 1μF
low ESR ceramic capacitor. Do not load the INTVCC pin with external circuitry.
2
NC
No Connect.
3,
Exposed
Pad Pin
17
SW
The SW pin is the output of the internal power switches. Connect this pin to the
inductor and boost capacitor. This node should be kept small on the PCB for good
performance. The exposed pad should be soldered to the PCB for good thermal
performance.
4
BST
This pin is used to provide a drive voltage, higher than the input voltage, to the topside
power switch. Place a 0.1µF boost capacitor as close as possible to the IC. Do not place
a resistor in series with this pin.
5 to 8
VIN
The VIN pin supplies current to the LT8615 internal circuitry and to the internal topside
power switch. This pin must be locally bypassed. Be sure to place the positive terminal
of the input capacitor as close as possible to the VIN pins, and the negative capacitor
terminal as close as possible to the GND pins
9
EN/UV
The LT8615 is shut down when this pin is low and active when this pin is high. The
hysteretic threshold voltage is 1.05V going up and 1.00V going down. Tie to VIN if the
shutdown feature is not used. An external resistor divider from VIN can be used to
program a VIN threshold, below which the LT8615 shuts down.
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PADS MUST BE SOLDERED
TO THE PCB IN ORDER TO LOWER THE
THERMAL RESISTANCE.
1
INTVCC
2
NC
3
SW
4
BST
9 EN/UV
10 GND
11 GND
12 TR/SS
LT8615
TOP VIEW
17
SW
GND
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com