Electronic Components Datasheet Search
  English  ▼

X  

LT8611 Datasheet(PDF) 17 Page - Analog Devices

Part # LT8611
Description  42V, 3.5A Synchronous Step-down Regulator with 2.5μA Quiescent Current
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8611 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT8611 Datasheet HTML 13Page - Analog Devices LT8611 Datasheet HTML 14Page - Analog Devices LT8611 Datasheet HTML 15Page - Analog Devices LT8611 Datasheet HTML 16Page - Analog Devices LT8611 Datasheet HTML 17Page - Analog Devices LT8611 Datasheet HTML 18Page - Analog Devices LT8611 Datasheet HTML 19Page - Analog Devices LT8611 Datasheet HTML 20Page - Analog Devices LT8611 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
Data Sheet
LT8615
analog.com
Rev 0
17 of 31
APPLICATIONS INFORMATION
Achieving Ultralow Quiescent Current
To enhance efficiency at light loads, the LT8615 enters low ripple Burst Mode operation, which keeps the output
capacitor charged to the desired output voltage while minimizing the input quiescent current and minimizing output
voltage ripple. In Burst Mode operation, the LT8615 delivers single small pulses of current to the output capacitor,
followed by sleep periods, where the output power is supplied by the output capacitor. While in sleep mode, the
LT8615 consumes 1.7μA.
As the output load decreases, the frequency of single current pulses decreases (see Figure 36) and the percentage of
time the LT8615 is in sleep mode increases, resulting in much higher light load efficiency than for typical converters.
By maximizing the time between pulses, the converter quiescent current approaches 2.5µA for a typical application
when there is no output load. Therefore, to optimize the quiescent current performance at light loads, the current in
the feedback resistor divider must be minimized as it appears to the output as load current.
Figure 36. SW Burst Mode Frequency vs. Load
Figure 37. Full Switching Frequency Minimum Load vs. VIN in Pulse-Skipping Mode
L = XGL6060-152ME, 1.5µH
VIN = 12V
VOUT = 3.3V
LOAD CURRENT (mA)
0
200
400
600
800
1000
0
500
1000
1500
2000
2500
VOUT = 3.3V
fsw = 2MHz
PULSE-SKIP OPERATION
INPUT VOLTAGE (V)
0
10
20
30
40
50
0
10
20
30
40
50
60
70
80
90
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com