Electronic Components Datasheet Search
  English  ▼

X  

LT8611 Datasheet(PDF) 29 Page - Analog Devices

Part # LT8611
Description  42V, 3.5A Synchronous Step-down Regulator with 2.5μA Quiescent Current
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8611 Datasheet(HTML) 29 Page - Analog Devices

Back Button LT8611 Datasheet HTML 23Page - Analog Devices LT8611 Datasheet HTML 24Page - Analog Devices LT8611 Datasheet HTML 25Page - Analog Devices LT8611 Datasheet HTML 26Page - Analog Devices LT8611 Datasheet HTML 27Page - Analog Devices LT8611 Datasheet HTML 28Page - Analog Devices LT8611 Datasheet HTML 29Page - Analog Devices LT8611 Datasheet HTML 30Page - Analog Devices LT8611 Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
Data Sheet
LT8615
analog.com
Rev 0
29 of 31
OUTLINE DIMENSIONS
Refer to https://www.analog.com/en/design-center/packaging-quality-symbols-footprints.html for the most recent
package drawings.
16-Lead Lead Frame Chip Scale Package [LFCSP_SS]
3 x 3 mm Body, With Side Solderable Leads
(CS-16-2)
Dimensions shown in millimeters
PIN 1
INDICATOR
(C 0.10 ×0.45°)
3.10
3.00 SQ
2.90
0.30
0.25
0.20
0.25
0.20
0.15
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
SIDE VIEW
16
5
8
9
12
13
4
0.05 MAX
0.02 NOM
0.203 REF
0.30 REF
0.20 REF
0.23
REF
0.825
REF
0.45
REF
COPLANARITY
0.08
0.80
0.75
0.70
0.55
0.45
0.35
0.55
0.45
0.35
0.55
0.45
0.35
PIN 1
INDICATOR
AREA
SEATING
PLANE
FOR PROPER CONNECTION OF
THE EXPOSED PADS, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
(2 ×)
(2 ×)
0.10
(Step Dimension)
RECOMMENDED SOLDER PAD LAYOUT
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
0.25 ± 0.05
0.20 ± 0.05
0.45 ± 0.05
SQ
0.45 ± 0.05
SQ
3.00 ± 0.05
2.10 ± 0.05
0.75 ± 0.05
0.50
BSC
0.44
BSC
PACKAGE
OUTLINE
TERMINAL LENGTH
0.45 ± 0.10
0.05 REF
0.10 REF
0.203 REF
TERMINAL
THICKNESS
PLATED AREA
DETAIL B
DETAIL B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com