Electronic Components Datasheet Search
  English  ▼

X  

LT8611 Datasheet(PDF) 20 Page - Analog Devices

Part # LT8611
Description  42V, 3.5A Synchronous Step-down Regulator with 2.5μA Quiescent Current
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8611 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT8611 Datasheet HTML 16Page - Analog Devices LT8611 Datasheet HTML 17Page - Analog Devices LT8611 Datasheet HTML 18Page - Analog Devices LT8611 Datasheet HTML 19Page - Analog Devices LT8611 Datasheet HTML 20Page - Analog Devices LT8611 Datasheet HTML 21Page - Analog Devices LT8611 Datasheet HTML 22Page - Analog Devices LT8611 Datasheet HTML 23Page - Analog Devices LT8611 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Data Sheet
LT8615
analog.com
Rev 0
20 of 31
The LT8615 is capable of maximum duty cycle approaching 100%, and the VIN to VOUT dropout is limited by the RDS(ON)
of the top switch. In this mode, the LT8615 skips switch cycles, resulting in a lower switching frequency than
programmed by RT.
For applications that cannot allow deviation from the programmed switching frequency at low VIN/VOUT ratios, use
the following formula to set switching frequency:
VIN(MIN) =
VOUT + VSW(BOT)
1 − fSW × tOFF(MIN)
− VSW(BOT) + VSW(TOP)
where, VIN(MIN) is the minimum input voltage without skipped cycles, VOUT is the output voltage, VSW(TOP) and VSW(BOT)
are the internal switch drops (~0.28V, ~0.28V, respectively, at max. load), fSW is the switching frequency (set by RT),
and tOFF(MIN) is the minimum switch offtime. Note that higher switching frequency increases the minimum input
voltage, below which cycles are dropped to achieve higher duty cycle.
Inductor Selection and Maximum Output Current
The LT8615 is designed to minimize solution size by allowing the inductor to be chosen based on the output load
requirements of the application. During overload or short circuit conditions, the LT8615 safely tolerates operation
with a saturated inductor through the use of a high speed peak-current mode architecture.
A good first choice for the inductor value is:
������ =
������������������������ + ������������������(������������������)
������������������
where, fSW is the switching frequency in MHz, VOUT is the output voltage, VSW(BOT) is the bottom switch drop (~0.28V),
and L is the inductor value in μH.
To avoid overheating and poor efficiency, an inductor must be chosen with an RMS current rating greater than the
maximum expected output load of the application. In addition, the saturation current (typically labeled ISAT) rating
of the inductor must be higher than the load current plus 1/2 of in inductor ripple current:
IL(PEAK) = ILOAD(MAX) +
1
2
∆IL
where, ∆IL is the inductor ripple current as calculated several paragraphs below and ILOAD(MAX) is the maximum output
load for a given application.
As a quick example, an application requiring 1A output should use an inductor with an RMS rating of greater than 1A
and an ISAT of greater than 1.3A. To keep the efficiency high, the series resistance (DCR) should be less than 0.04Ω,
and the core material should be intended for high frequency applications.
The LT8615 limits the peak switch current to protect the switches and the system from overload faults. The top switch
current limit (ILIM) is typically 7.3A at low duty cycles and decreases linearly to 6.1A at D = 0.8. The inductor value must
then be sufficient to supply the desired maximum output current (IOUT(MAX)), which is a function of the switch current
limit (ILIM) and the ripple current:
IOUT(MAX) = ILIM −
∆IL
2
The peak-to-peak ripple current in the inductor can be calculated as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com