Electronic Components Datasheet Search
  English  ▼

X  

LT8611 Datasheet(PDF) 19 Page - Analog Devices

Part # LT8611
Description  42V, 3.5A Synchronous Step-down Regulator with 2.5μA Quiescent Current
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8611 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT8611 Datasheet HTML 15Page - Analog Devices LT8611 Datasheet HTML 16Page - Analog Devices LT8611 Datasheet HTML 17Page - Analog Devices LT8611 Datasheet HTML 18Page - Analog Devices LT8611 Datasheet HTML 19Page - Analog Devices LT8611 Datasheet HTML 20Page - Analog Devices LT8611 Datasheet HTML 21Page - Analog Devices LT8611 Datasheet HTML 22Page - Analog Devices LT8611 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Data Sheet
LT8615
analog.com
Rev 0
19 of 31
resulting in 3.7μA no-load current from the 12V supply. Note that the IQ equation implies that the no-load current is
a function of VIN; this is plotted in the Achieving Ultralow Quiescent Current section.
When using large FB resistors, connect a 4.7pF to 22pF phase-lead capacitor from VOUT to FB.
Setting the Switching Frequency
The LT8615 uses a constant frequency PWM architecture that can be programmed to switch from 400kHz to 2.5MHz
by using a resistor tied from the RT pin to ground. Table 4 shows the necessary RT value for a desired switching
frequency. When in spread-spectrum modulation mode, the frequency is modulated upwards of the frequency set
by RT.
Table 4. Switching Frequency vs RTValue
fSW (MHz)
RT (kΩ)
0.4
105
0.5
76.8
0.6
68.1
0.8
51.1
1.0
40.2
1.2
33.2
1.4
27.4
1.6
23.7
1.8
20.5
2.0
18.2
2.2
16.2
2.5
13.7
Operating Frequency Selection and Trade-Offs
Selection of the operating frequency is a trade-off between efficiency, component size, and input voltage range. The
advantage of high frequency operation is that smaller inductor and capacitor values may be used. The disadvantages
are lower efficiency and a smaller input voltage range.
The highest switching frequency (fSW(MAX)) for a given application can be calculated as follows:
fSW(MAX) =
VOUT + VSW(BOT)
tON(MIN)(VIN − VSW(TOP) + VSW(BOT))
where, VIN is the typical input voltage, VOUT is the output voltage, VSW(TOP) and VSW(BOT) are the internal switch drops
(~0.28V, ~0.28V, respectively, at max. load) and
tON(MIN) is the minimum top switch on-time (see Typical Applications).
This equation shows that slower switching frequency is necessary to accommodate a high VIN/VOUT ratio.
For transient operation, VIN may go as high as the Abs Max rating regardless of the RT value. However, the LT8615
reduces switching frequency as necessary to maintain control of the inductor current to assure safe operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com