Electronic Components Datasheet Search
  English  ▼

X  

RIC11 Datasheet(PDF) 3 Page - Same Sky Devices

Part # RIC11
Description  MECHANICAL INCREMENTAL ENCODER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

RIC11 Datasheet(HTML) 3 Page - Same Sky Devices

  RIC11 Datasheet HTML 1Page - Same Sky Devices RIC11 Datasheet HTML 2Page - Same Sky Devices RIC11 Datasheet HTML 3Page - Same Sky Devices RIC11 Datasheet HTML 4Page - Same Sky Devices RIC11 Datasheet HTML 5Page - Same Sky Devices RIC11 Datasheet HTML 6Page - Same Sky Devices RIC11 Datasheet HTML 7Page - Same Sky Devices RIC11 Datasheet HTML 8Page - Same Sky Devices RIC11 Datasheet HTML 9Page - Same Sky Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SAME SKY | SERIES: RIC11 | DESCRIPTION: MECHANICAL INCREMENTAL ENCODER
date 09/12/2024 | page 3 of 10
sameskydevices.com
Note:
2. See Shaft Types and Mechanical Drawings for available configurations.
PART NUMBER KEY
Base Number
RIC11 - XX S XX X X - XX
Resolution, Detent:
22 = 20 PPR, 20 detents
31 = 15 PPR, 30 detents
Bushing Length:
2 = 2.2 mm (smooth)
3 = 3.5 mm (smooth)
5M = 5 mm (M7X0.75)
5S = 5 mm (smooth)
7 = 7 mm (smooth)
Shaft Style:
D = D-Cut
K = Knurled
Termination:
TH = Through Hole
USMT = Surface Mount (U-Pad)
GSMT = Surface Mount (Gull Wing)
Shaft Length:
10 = 10 mm
11 = 10.5 mm
13 = 13 mm
15 = 15 mm
15.5 = 15.5 mm
16 = 16 mm
17 = 16.5 mm
20 = 19.5 mm
OUTPUT WAVEFORM
CH. A
(Pins A-C)
CH. B
(Pins B-C)
OFF
ON
OFF
ON
cw
CH. A
(Pins A-C)
CH. B
(Pins B-C)
OFF
ON
OFF
ON
cw
20 PPR, 20 Detent Models
15 PPR, 30 Detent Models
Terminal A
10 K
10 K
DC 5V
Terminal B
Terminal C
Encoder
t3
t2
t1
ON
OFF
3.5 V
1.5 V
SWITCHING CHARACTERISTICS
parameter
conditions/description
value
chattering
signal’s passage of time from 1.5 V to 3.5 V of each switching position (OFF to ON or ON to OFF)
t1, t3≤ 3 ms
sliding noise (bounce)
time of voltage change exceeds 1.5 V in code ON area. When the bounce has code ON time less than
1 ms between chattering (t1 or t3), the voltage change shall be regarded as a part of chattering. When
the code ON time between 2 bounces is less than 1 ms, they are regarded as 1 linked bounce.
t2≤ 2 ms
sliding noise
voltage change in code OFF area
3.5 V min
Notes:
3. Testing at 60 RPM.
4. Code OFF: The area which the voltage is 3.5 V or more. Code ON: The area which the voltage is 1.5 V or less.
Additional Resources: Product Page



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com