Electronic Components Datasheet Search
  English  ▼

X  

RIC11 Datasheet(PDF) 2 Page - Same Sky Devices

Part # RIC11
Description  MECHANICAL INCREMENTAL ENCODER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

RIC11 Datasheet(HTML) 2 Page - Same Sky Devices

  RIC11 Datasheet HTML 1Page - Same Sky Devices RIC11 Datasheet HTML 2Page - Same Sky Devices RIC11 Datasheet HTML 3Page - Same Sky Devices RIC11 Datasheet HTML 4Page - Same Sky Devices RIC11 Datasheet HTML 5Page - Same Sky Devices RIC11 Datasheet HTML 6Page - Same Sky Devices RIC11 Datasheet HTML 7Page - Same Sky Devices RIC11 Datasheet HTML 8Page - Same Sky Devices RIC11 Datasheet HTML 9Page - Same Sky Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SAME SKY | SERIES: RIC11 | DESCRIPTION: MECHANICAL INCREMENTAL ENCODER
date 09/12/2024 | page 2 of 10
sameskydevices.com
MECHANICAL
parameter
conditions/description
min
typ
max
units
shaft load
pull static load for 20 seconds
push static load for 10 seconds
100
100
N
N
rotational torque
10
15
20
mN•m
terminal strength
a static load of 3 N applied to tip of terminals for 10 s
side thrust strength of shaft
a load of 80 N applied at the point 5 mm from the tip of
the shaft perpendicular to the shaft axis for 10 s
shaft play in rotational wobble
testing by angle board
2
°
shaft play in axial direction
pull/push load of 0.5 N applied on the shaft
0.2
mm
rotational life
at 600~800 cycles/hour without electrical load
100,000
cycles
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-40
85
°C
storage temperature
-40
85
°C
RoHS
yes
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering
for maximum 3 seconds
350
°C
reflow soldering
only suitable for surface mount models
260
°C
Time (s)
250
250
200
200
150
150
100
100
50
50
170±10°C
120±20
50±10
10±1
250±10°C
260°C
220°C
Additional Resources: Product Page



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com